Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21528-13 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # M21528-13
Description  Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21528-13 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M21528-13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
M21528-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
9
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Rev V4
Table 3-1.
Pin Description (1 of 2)
Pin Name
Pin Number
Type
Description
AVSS
Center Ground Paddle
Power
Chip Ground
AVDDI
9
Power
Positive supply for inputs circuitry
AVDDReg0
17,20
Power
Regulator0 bypass capacitor connection, positive supply for output0
AVDDReg1
11,14
Power
Regulator1 bypass capacitor connection, positive supply for output1
AVDDO0
16
Power
Positive supply for reglator0
AVDDO1
15
Power
Positive supply for reglator1
SDO0A
19
O-Analog
High speed serial output, channel0, output A
SDO0B
18
O-Analog
High speed serial output, channel0, output B
SDO1A
12
O-Analog
High speed serial output, channel1, output A
SDO1B
13
O-Analog
High speed serial output, channel1 output B
SDI0P/N
1,2
I-Analog
High speed serial video data input, channel0
SDI1P/N
5,6
I-Analog
High speed serial video data input, channel1
Z_CTRL
22
I-Analog
Sets output impedance through an external Z_CTRL resistor
connected to AVSS
Z_CTRL=665
 to set 75 output impedance
Z_CTRL=250
 to set 50 output impedance
SD/xHD0
24
I-DIGITAL
Output slew rate control for channel 0
L = SDO0 has 3G/HD slew rate
H = SDO0 has SD slew rate
SD/xHD1
7
I-DIGITAL
Output slew rate control for channel 1
L = SDO1 has 3G/HD slew rate
H = SDO1 has SD slew rate
PD0
23
3-state/I-DIGITAL
Power down control for channel 0
L = SDO0A on, SDO0B power down
F = Both outputs on
H = Power down both outputs
PD1
8
3-state/I-DIGITAL
Power down control for channel 1
L = SDO1A on, SDO1B power down
F = Both outputs on
H = Power down both outputs
XPT_CTRL
21
3-state/I-DIGITAL
Crosspoint control
L = SDI0 to SDO1, SDI1 to SDO0
F = SDI0 to SDO0, SDI1 to SDO1
H = SDI0 to SDO0 and SDO1


Similar Part No. - M21528-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
More results

Similar Description - M21528-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
   3G/HD/SD-SDI Multi-rate Video Quad Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Microchip Technology
EQCO30T5.2 MICROCHIP-EQCO30T5.2 Datasheet
377Kb / 22P
   EQCO30T5.2 3G/HD-SDI Video Cable Driver
07/14/15
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com