Electronic Components Datasheet Search |
|
MAAD-000523 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MAAD-000523 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 8 page Digital Attenuator, 6-Bit, Serial / Parallel Control 31.5 dB, 0.7 - 6.0 GHz Rev. V2 MAAD-000523 2 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Parameter Test Conditions Units Min. Typ. Max. Reference Insertion Loss 0.7 GHz 2.1 GHz 4.0 GHz 6.0 GHz dB — — — — 1.3 1.6 2.0 2.5 — 2.3 — — Attenuation Accuracy 0.7 - 6.0 GHz ± (0.4 + 4% of attenuation setting) dB typ. VSWR 0.7 - 6.0 GHz Ratio — 1.2:1 — Trise, Tfall 10% to 90% RF, 90% to 10% RF ns — 70 — Ton, Toff 50% Control to 90% RF, 50% Control to 10% RF ns — 100 — Settling Time Loss Delta (Gate Lag) RF Loss Difference within 30 µs to 500 µs @ 2 GHz and 500 µs Pulse dB — 0.2 — Transients In Band mV — 50 — Input P1dB 2.0 GHz dBm — 25 — IP2 2-Tone, +10 dBm/tone, 1 MHz Spacing 2.0 - 6.0 GHz dBm — 75 — IP3 2-Tone, +10 dBm/tone, 1 MHz Spacing 2.0 - 6.0 GHz dBm — 50 — IDD VDD = 5V µA 0 — 600 5. External DC blocking capacitors are required on all RF ports. Loss varies at 0.003 dB/°C. Truth Table 6 VC16 VC4 VC2 VC1 Attenuation (dB) VC8 VC0.5 1 1 1 1 Reference IL 1 1 1 1 1 1 1 0 0.5 1 1 1 1 0 1 1 1 1 0 1 2 1 1 1 0 1 1 4 1 1 1 1 1 1 8 0 1 0 1 1 1 16 1 1 0 0 0 0 31.5 0 0 6. 0 = 0 to 0.8V, 1 = 2 to 5V. Absolute Maximum Ratings 7,8 Parameter Absolute Maximum Input Power 700 - 6000 MHz +27 dBm Operating Voltage 6 V Control Voltage -0.5 V < VC < 5.5 V Operating Temperature -40°C to +85°C Junction Temperature +150°C Storage Temperature -65°C to +150°C 7. Exceeding any one or combination of these limits may cause permanent damage to this device. 8. M/A-COM Technology Solutions does not recommend sustained operation near these survivability limits. Electrical Specifications 5: TA = 25°C, Z0 = 50 Ω, VDD = 5 V, VC = 0/+5 V 6 |
Similar Part No. - MAAD-000523_15 |
|
Similar Description - MAAD-000523_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |