Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-000523 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-000523
Description  Digital Attenuator, 6-Bit, Serial / Parallel Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-000523 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAD-000523_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-000523_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-000523_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-000523_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-000523_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-000523_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-000523_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-000523_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Digital Attenuator, 6-Bit, Serial / Parallel Control
31.5 dB, 0.7 - 6.0 GHz
Rev. V2
MAAD-000523
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves
Relative Attenuation across all major states
Insertion Loss
Input Return Loss, across all attenuation states
Output Return Loss, across all attenuation states
Step Error vs. State over Frequency
IP3
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
Frequency (GHz)
-5
-4
-3
-2
-1
0
0
1
2
3
4
5
6
7
8
+25°C
-40°C
+85°C
Frequency (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
Frequency (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
8
0.5 dB
1 dB
2 dB
4 dB
8 dB
16 dB
31.5 dB
Frequency (GHz)
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
20
24
28
32
0.7 GHz
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
State (dB)
- - - - +/- (0.3 + 3%ATT) dB
- - - - +/- (0.3 + 4%ATT) dB
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
Frequency (GHz)


Similar Part No. - MAAD-000523_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-000523-001SMB MA-COM-MAAD-000523-001SMB Datasheet
226Kb / 7P
   Integrated CMOS/TTL Compatible Driver
MAAD-000523-TR1000 MA-COM-MAAD-000523-TR1000 Datasheet
226Kb / 7P
   Integrated CMOS/TTL Compatible Driver
MAAD-000523-TR3000 MA-COM-MAAD-000523-TR3000 Datasheet
226Kb / 7P
   Integrated CMOS/TTL Compatible Driver
More results

Similar Description - MAAD-000523_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-000523 MA-COM-MAAD-000523 Datasheet
226Kb / 7P
   Digital Attenuator, 6-Bit, Serial / Parallel Control
MAAD-008866 MA-COM-MAAD-008866 Datasheet
372Kb / 9P
   75 廓 Digital Attenuator, 6-Bit, Serial / Parallel Control
logo
Honeywell Solid State E...
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4611 HONEYWELL-HRF-AT4611 Datasheet
120Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator
logo
Hittite Microwave Corpo...
HMC-C018 HITTITE-HMC-C018 Datasheet
805Kb / 8P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR MODULE, DC - 13 GHz
HMC542ALP4 HITTITE-HMC542ALP4 Datasheet
968Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
HMC542LP4 HITTITE-HMC542LP4_09 Datasheet
322Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
HMC542LP4 HITTITE-HMC542LP4_10 Datasheet
621Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
HMC542LP4 HITTITE-HMC542LP4 Datasheet
469Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3.0 GHz
logo
Analog Devices
HMC542BLP4E AD-HMC542BLP4E Datasheet
742Kb / 9P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com