Electronic Components Datasheet Search |
|
MAAD-000523-TR1000 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc. |
|
MAAD-000523-TR1000 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc. |
6 / 8 page Digital Attenuator, 6-Bit, Serial / Parallel Control 31.5 dB, 0.7 - 6.0 GHz Rev. V2 MAAD-000523 6 6 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 6 Functionality Modes of Operation: Serial, Direct Parallel, and Latched Parallel PUP Truth Table Inputs Gain Relative to Max. Gain Notes PS LE PUP2 PUP1 0 0 0 0 -31.5 dB Parallel Mode 0 0 0 1 -24 dB 0 0 1 0 -16 dB 0 0 1 1 Insertion Loss 0 1 X X 0 to –31.5 dB (Set VC0.5 - VC16) 1 0 X X 0 to –31.5 dB (Set VC0.5 - VC16) Serial Mode 1 1 X X No Definition Serial Interface Timing Characteristics Symbol Parameter Typical Performance Units -40°C 25°C +85°C tSCK Min. Serial Clock Period 100 100 100 ns tCS Min. Control Set-up Time 20 20 20 ns tCH Min. Control Hold Time 20 20 20 ns tLS Min. LE Set-up Time 10 10 10 ns tLEW Min. LE Pulse Width 10 10 10 ns tLH Min. Serial Clock Hold Time from LE 10 10 10 ns tLES Min. LE Pulse Spacing 630 630 630 ns |
Similar Part No. - MAAD-000523-TR1000 |
|
Similar Description - MAAD-000523-TR1000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |