Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007077 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007077
Description  Contains Internal DC to DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007077 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007077_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007077_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007077_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007077_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007077_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007077_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Digital Attenuator
15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
Rev. V5
MAAD-007077
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Moisture Sensitivity
The MSL rating for this part is defined as Level 2
per IPC/JEDEC J-STD-020. Parts shall be stored
and/or baked as required for MSL Level 2 parts.
Truth Table (Digital Attenuator)
C8
C4
C2
C1
Attenuation
0
0
0
0
Loss, Reference
0
0
0
1
1.0 dB
0
0
1
0
2.0 dB
0
1
0
0
4.0 dB
1
0
0
0
8.0 dB
1
1
1
1
15.0 dB
0 = TTL Low; 1 = TTL High
Attenuation - 1 dB Bit vs. Frequency
Attenuation - 2 dB Bit vs. Frequency
Attenuation - 4 dB Bit vs. Frequency
Typical Performance Curves
Reference Loss vs. Frequency
0.0
1.0
2.0
3.0
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
1.8
2.0
2.2
2.4
2.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
0.8
0.9
1.0
1.1
1.2
1.3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
3.8
4.0
4.2
4.4
4.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC
85ºC
25ºC
-40ºC


Similar Part No. - MAAD-007077_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007077-000100 MACOM-MAAD-007077-000100 Datasheet
263Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
   Digital Attenuator
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
logo
Tyco Electronics
MAAD-007077-0001TB MACOM-MAAD-007077-0001TB Datasheet
263Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
More results

Similar Description - MAAD-007077_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007077 MA-COM-MAAD-007077 Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007079 MA-COM-MAAD-007079 Datasheet
789Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007079 MA-COM-MAAD-007079_15 Datasheet
789Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007080 MA-COM-MAAD-007080 Datasheet
827Kb / 8P
   Contains Internal DC to DC Converter
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
logo
Recom International Pow...
R-REF03-CAN1 RECOM-R-REF03-CAN1 Datasheet
1Mb / 6P
   Contains R1SX-3.305/H - 3.3V to 5V 1W DC-DC converter with 3kVDC isolation
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
MAX618 MAXIM-MAX618_V01 Datasheet
1Mb / 15P
   28V Internal Switch, Step-Up DC-DC Converter
2015
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
   DC TO DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com