Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007077-0001TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007077-0001TB
Description  Contains Internal DC to DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007077-0001TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007077-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007077-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007077-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007077-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007077-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007077-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Digital Attenuator
15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
Rev. V5
MAAD-007077
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Attenuation: 1 dB Steps to 15 dB
 Single Positive Supply
 Contains Internal DC to DC Converter
 Integral TTL Driver
 50 Ohm Impedance
 Test Boards Available
 Tape and Reel Packaging Available
 Lead-Free CSP-1 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AT90-1413
Description
M/A-COM’s MAAD-007077-000100 is a GaAs FET 4
-Bit digital attenuator with integral driver. Step size
is 1 dB providing a 15 dB attenuation range. This
device is in an PQFN plastic surface mount pack-
age. The MAAD-007077-000100 is suited for single
supply applications where accuracy, fast speed, low
power consumption and low costs are required. For
dual supply designs without switching noise, use
MAADCC0006.
Ordering Information
Part Number
Package
MAAD-007077-000100
Bulk Packaging
MAAD-007077-0001TR
1000 piece reel
MAAD-007077-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
17
NC
2
C8
18
NC
3
C4
19
Vcc
4
C2
20
N/C
5
C1
21
Cp
6
GND
22
NC
7
GND
23
Cp
8
NC
24
NC
9
NC
25
Vee2
10
NC1
26
GND
11
GND
27
RF2
12
RF1
28
GND
13
GND
29
NC1
14
NC
30
Vee2
15
NC
31
NC
16
NC
32
Vcc
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
1. Pins 10 & 29 must be isolated.
2. Vee is produced internally and requires a .1 µF cap to GND.
Generated noise is typical of switching DC-DC Converters.
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)


Similar Part No. - MAAD-007077-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007077-0001TB MACOM-MAAD-007077-0001TB Datasheet
263Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007077-0001TB MA-COM-MAAD-007077-0001TB Datasheet
182Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-0001TB MA-COM-MAAD-007077-0001TB Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
More results

Similar Description - MAAD-007077-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007077 MA-COM-MAAD-007077 Datasheet
806Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007079 MA-COM-MAAD-007079 Datasheet
789Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007079 MA-COM-MAAD-007079_15 Datasheet
789Kb / 6P
   Contains Internal DC to DC Converter
MAAD-007080 MA-COM-MAAD-007080 Datasheet
827Kb / 8P
   Contains Internal DC to DC Converter
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
logo
Recom International Pow...
R-REF03-CAN1 RECOM-R-REF03-CAN1 Datasheet
1Mb / 6P
   Contains R1SX-3.305/H - 3.3V to 5V 1W DC-DC converter with 3kVDC isolation
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
MAX618 MAXIM-MAX618_V01 Datasheet
1Mb / 15P
   28V Internal Switch, Step-Up DC-DC Converter
2015
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
   DC TO DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com