Electronic Components Datasheet Search |
|
MAAD-007078 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc. |
|
MAAD-007078 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc. |
2 / 7 page Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz Rev. V5 MAAD-007078 2 2 M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 2 Electrical Specifications: TA = 25°C, Z0 = 50 Parameter Test Conditions Frequency Units Min Typ Max Insertion Loss — DC - 3.0 GHz dB — 3.5 3.8 Attenuation Accuracy Individual Bits 1-2-4-8-16 dB Any Combination of Bits 1 to 31 dB DC - 3.0 GHz DC - 3.0 GHz dB ±(.3 +5% of atten setting) ±(.5 +7% of atten setting) VSWR Full Range DC - 3.0 GHz Ratio — 2.0:1 2.2:1 Switching Speed 50% Cntl to 90%/10% RF 10% to 90% or 90% to 10% — ns — 75 20 150 50 1 dB Compression — 50 MHz 0.5 - 3.0 GHz dBm — +21 +24 — Input IP3 Two-tone inputs up to +5 dBm 50 MHz 0.5-3.0 GHz dB — +35 +48 — Vcc — — V 4.75 5.0 5.25 VIL VIH LOW-level input voltage HIGH-level input voltage — — V 0.0 2.0 — — 0.8 5.0 lin (Input Leakage Current) Vin = VCC or GND — µA -1.0 — 1.0 Icc4 Vcc min to max, Logic “0” or “1” — mA — 6 10 Turn-on Current5 For guaranteed start-up — mA — — 125 ΔIcc (Additional Supply Current Per TTL Input Pin) VCC = Max, Vcntrl = VCC - 2.1 V — mA — — 1.0 Switching Noise Generated from DC-DC Converter with recommended capacitors 3.5 MHz dBm — -93 — Thermal Resistance θjc — — °C/W — 35 — 4. During turn-on, the device requires an initial start up current (Icc) specified as “Turn-on Current”. Once operational, Icc will drop to the specified levels. 5. The DC-DC converter is guaranteed to start in 100 µs as long as the power supplies have the maximum turn-on current available for start up. Absolute Maximum Ratings 6,7 Parameter Absolute Maximum Input Power 0.05 GHz 0.5 - 3.0 GHz +27 dBm +34 dBm VCC -0.5V ≤ VCC ≤ +6.0V Vin8 -0.5V ≤ Vin ≤ VCC + 0.5V Operating Temperature -40ºC to +85ºC Storage Temperature -65ºC to +125ºC 6. Exceeding any one or combination of these limits may cause permanent damage to this device. 7. MACOM does not recommend sustained operation near these survivability limits. 8. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply. Recommended PCB Configuration 9 9. Application Note S2083 is available on line at www.macom.com |
Similar Part No. - MAAD-007078_15 |
|
Similar Description - MAAD-007078_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |