Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007078-000100 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007078-000100
Description  Digital Attenuator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007078-000100 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007078-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007078-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007078-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007078-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007078-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007078-000100 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007078-000100 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V5
MAAD-007078
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Attenuation: 1.0dB Steps to 31dB
 Single Positive Supply
 Contains internal DC to DC converter
 Low DC Power Consumption
 Small Footprint, JEDEC Package
 Integral TTL Driver
 50 ohm Impedance
 Lead-Free CSP-1 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AT90-1263
Description
The MAAD-007078 is a GaAs FET 5-bit digital
attenuator with integral TTL driver. Step size is
1.0 dB providing 31 dB total attenuation range. This
device is in an FQFP-N plastic surface mount
package. The MAAD-007078 is ideally suited for use
where accuracy, fast speed, very low power
consumption and low costs are required.
For dual supply designs without DC-DC converter
noise, use MAATCC0010.
Ordering Information
Part Number
Package
MAAD-007078-000100
Bulk Packaging
MAAD-007078-0001TR
1000 piece reel
MAAD-007078-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
17
NC
2
C16
18
NC
3
C8
19
Vcc
4
C4
20
NC
5
C2
21
CP2
6
C1
22
NC
7
GND
23
CP1
8
NC
24
NC
9
NC
25
Vee2
10
NC1
26
GND
11
GND
27
RF2
12
RF1
28
GND
13
GND
29
NC1
14
NC
30
Vee2
15
NC
31
NC
16
NC
32
Vcc
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
1.
Pins 10 & 29 must be isolated
2.
The negative voltage Vee is produced internally and
requires a 0.1µF cap to GND. Generated noise is typical of
switching DC-DC Converters.
3.
The exposed pad centered on the package bottom must be
connected to RF and DC ground. (For PQFN Packages)


Similar Part No. - MAAD-007078-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007078-000100 MACOM-MAAD-007078-000100 Datasheet
280Kb / 6P
   Digital Attenuator 31 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
807Kb / 7P
   Low DC Power Consumption
More results

Similar Description - MAAD-007078-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com