Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007086 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007086
Description  Digital Attenuator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007086 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007086_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007086_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007086_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007086_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007086_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007086_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007086_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Digital Attenuator
50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
Rev. V4
MAAD-007086
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 50
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 2.0 GHz
dB
4.2
4.7
Attenuation Accuracy
Individual Bits 1-2-4-8-16-32 dB
Any Combination of Bits 3 to 15 dB
Any Combination of Bits 17 to 31 dB
Any Combination of Bits 32 to 50 dB
DC - 2.0 GHz
DC - 2.0 GHz
DC - 2.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
±(.3 +3% of atten setting)
±(.5 +5% of atten setting)
±(.3 +3% of atten setting)
±(.5 +7% of atten setting)
VSWR
Full Range
DC - 2.0 GHz
Ratio
1.8:1
2:1
Switching Speed1
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
ns
ns
75
20
150
50
1 dB Compression
50 MHz
0.5 - 2.0 GHz
dBm
dBm
+21
+24
Input IP3
Two-tone inputs up to +5 dBm
@ 0 dB Attenuation
50 MHz
0.5-2.0 GHz
dB
dB
+35
+48
Vcc
Vee
V
V
4.75
-8.0
5.0
-5.0
5.25
-4.75
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1.0
1.0
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
1.0
IEE
VEE min to max, Vin = VIL or VIH
mA
-1.0
-0.2
Thermal Resistance θJA
PCB mount on FR4 material, copper
trace, still air at +25°C
°C/W
60-80
1. Decoupling capacitors (.01µF) are required on power supply lines.
Absolute Maximum Ratings2,3
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin4
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. MACOM does not recommend sustained operation near these
survivability limits.
4. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - MAAD-007086_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007086-000100 MACOM-MAAD-007086-000100 Datasheet
260Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
719Kb / 7P
   Test Boards are Available
logo
Tyco Electronics
MAAD-007086-0001TB MACOM-MAAD-007086-0001TB Datasheet
260Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC2.0 GHz
More results

Similar Description - MAAD-007086_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com