Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007078-0001TB Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007078-0001TB
Description  Digital Attenuator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007078-0001TB Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007078-0001TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007078-0001TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007078-0001TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007078-0001TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007078-0001TB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007078-0001TB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007078-0001TB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Digital Attenuator
31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
Rev. V5
MAAD-007078
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
VSWR, 8 dB Bit
VSWR, 16 dB Bit
VSWR, Maximum Attenuation
VSWR, 4 dB Bit
1.0
1.2
1.4
1.6
0
1000
2000
3000
4000
Frequency (MHz)
Inp ut
Out p ut
1.0
1.2
1.4
1.6
0
1000
2000
3000
4000
Frequency (MHz)
Inp ut
Out p ut
1.0
1.2
1.4
1.6
0
1000
2000
3000
4000
Frequency (MHz)
Inp ut
Out p ut
1.0
1.2
1.4
1.6
0
1000
2000
3000
4000
Frequency (MHz)
Inp ut
Out p ut
Typical Performance Curves


Similar Part No. - MAAD-007078-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007078-0001TB MACOM-MAAD-007078-0001TB Datasheet
280Kb / 6P
   Digital Attenuator 31 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007078-0001TB MA-COM-MAAD-007078-0001TB Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007078-0001TB MA-COM-MAAD-007078-0001TB Datasheet
807Kb / 7P
   Low DC Power Consumption
More results

Similar Description - MAAD-007078-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com