Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007086-0001TR Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007086-0001TR
Description  Digital Attenuator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007086-0001TR Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007086-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007086-0001TR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Digital Attenuator
50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
Rev. V4
MAAD-007086
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Attenuation: 1 dB Steps to 50 dB
 Low DC Power Consumption
 Integral TTL Driver
 50 ohm Impedance
 Test Boards are Available
 Tape and Reel Packaging Available
 Lead-Free SOW-24 Package
 100% Matte Tin Plating over Copper
 Halogen-Free “Green” Mold Compound
 260°C Reflow Compatible
 RoHS* Compliant Version of AT65-0106
Description
MACOM's MAAD-007086-000100 is a GaAs FET
6-bit digital attenuator with a 1 dB minimum step size
and a 50 dB total attenuation range. This device is in
a SOW-24, wide body plastic surface mount
package. The MAAD-007086-000100 is ideally
suited for use where accuracy, fast speed, very low
power consumption and low costs are required.
Ordering Information
Part Number
Package
MAAD-007086-000100
Bulk Packaging
MAAD-007086-0001TR
1000 piece reel
MAAD-007086-0001TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Schematic with Off-Chip Components
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
13
RF
2
GND
14
GND
3
GND
15
GND
4
C32
16
GND
5
C16
17
GND
6
VEE
18
GND
7
VCC
19
GND
8
C8
20
GND
9
C4
21
GND
10
C2
22
GND
11
C1
23
GND
12
GND
24
RF
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAAD-007086-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007086-0001TR MACOM-MAAD-007086-0001TR Datasheet
260Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007086-0001TR MA-COM-MAAD-007086-0001TR Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAAD-007086-0001TR MA-COM-MAAD-007086-0001TR Datasheet
719Kb / 7P
   Test Boards are Available
More results

Similar Description - MAAD-007086-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com