Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-008790 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-008790
Description  Digital Attenuator, Constant Phase
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-008790 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

  MAAD-008790_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-008790_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-008790_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-008790_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-008790_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-008790_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-008790_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-008790_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAD-008790_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Digital Attenuator, Constant Phase
31.0 dB, 5-Bit, TTL Driver, DC - 4.0 GHz
Rev. V2
MAAD-008790
9
9
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
9
M/A-COM Technology Solutions Inc. All rights reserved.
Information in this document is provided in connection with M/A-COM Technology Solutions Inc ("MACOM")
products. These materials are provided by MACOM as a service to its customers and may be used for
informational purposes only. Except as provided in MACOM's Terms and Conditions of Sale for such products or
in any separate agreement related to this document, MACOM assumes no liability whatsoever. MACOM
assumes no responsibility for errors or omissions in these materials. MACOM may make changes to
specifications and product descriptions at any time, without notice. MACOM makes no commitment to update
the information and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future
changes to its specifications and product descriptions. No license, express or implied, by estoppels or otherwise,
to any intellectual property rights is granted by this document.
THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR
IMPLIED, RELATING TO SALE AND/OR USE OF MACOM PRODUCTS INCLUDING LIABILITY OR
WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, CONSEQUENTIAL OR
INCIDENTAL DAMAGES, MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR
OTHER INTELLECTUAL PROPERTY RIGHT. MACOM FURTHER DOES NOT WARRANT THE ACCURACY
OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN
THESE MATERIALS. MACOM SHALL NOT BE LIABLE FOR ANY SPECIAL, INDIRECT, INCIDENTAL, OR
CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS,
WHICH MAY RESULT FROM THE USE OF THESE MATERIALS.
MACOM products are not intended for use in medical, lifesaving or life sustaining applications. MACOM
customers using or selling MACOM products for use in such applications do so at their own risk and agree to
fully indemnify MACOM for any damages resulting from such improper use or sale.


Similar Part No. - MAAD-008790_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
208Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
209Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-000100 MA-COM-MAAD-008790-000100 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-008790-0001TB MA-COM-MAAD-008790-0001TB Datasheet
208Kb / 8P
   Constant Phase Digital Attenuator 32 dB, 2-Bit, TTL Driver, DC-3.0 GHz
MAAD-008790-0001TB MA-COM-MAAD-008790-0001TB Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
More results

Similar Description - MAAD-008790_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2_15 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009194-000100_V2 MA-COM-MAAD-009194-000100_V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100_15 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009195-000100 MA-COM-MAAD-009195-000100 Datasheet
218Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009260-000100 MA-COM-MAAD-009260-000100 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-008790 MA-COM-MAAD-008790 Datasheet
861Kb / 9P
   Digital Attenuator, Constant Phase
MAAD-009260-000100 MA-COM-MAAD-009260-000100_15 Datasheet
177Kb / 6P
   Constant Phase Digital Attenuator
MAAD-009194-000100-V2 MA-COM-MAAD-009194-000100-V2 Datasheet
293Kb / 8P
   Constant Phase Digital Attenuator
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
   Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009194-000100 MA-COM-MAAD-009194-000100 Datasheet
223Kb / 9P
   Constant Phase Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com