Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-008624 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-008624
Description  High Dynamic Range Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-008624 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAL-008624_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-008624_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-008624_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-008624_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-008624_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
High Dynamic Range Low Noise Amplifier
400 - 500 MHz
Rev. V1
MAAL-008624
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves over Temperature
Gain
Input Return Loss
Reverse Isolation
Output Return Loss
Noise Figure
Output IP3
15
17
19
21
23
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)
-50
-40
-30
-20
-10
0
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)
-15
-12
-9
-6
-3
0
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)
-15
-12
-9
-6
-3
0
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)
0.0
0.4
0.8
1.2
1.6
2.0
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)
15
20
25
30
35
400
420
440
460
480
500
+25°C
-40°C
+85°C
Frequency (MHz)


Similar Part No. - MAAL-008624_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008624-000000 MACOM-MAAL-008624-000000 Datasheet
151Kb / 4P
   High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
M/A-COM Technology Solu...
MAAL-008624-000000 MA-COM-MAAL-008624-000000 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
logo
Tyco Electronics
MAAL-008624-TR3000 MACOM-MAAL-008624-TR3000 Datasheet
151Kb / 4P
   High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
M/A-COM Technology Solu...
MAAL-008624-TR3000 MA-COM-MAAL-008624-TR3000 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
More results

Similar Description - MAAL-008624_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_09 Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com