Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010570 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010570
Description  Low Noise Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010570 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010570 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010570 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010570 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010570 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010570 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010570 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010570 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010570 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010570 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Low Noise Amplifier
0.1 - 3.5 GHz
Rev. V3
MAAL-010570
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Absolute Maximum Ratings8,9
Parameter
Absolute Max.
Supply Voltage
5.5 V
Current
100 mA
Bias Current
15 mA
Power Dissipation
600 mW
RF Input Power
24 dBm
Storage Temperature
-55°C to +150°C
Operating Temperature
-40°C to +85°C
Junction Temperature
+150°C
Thermal Resistance
+104°C/W
8. Exceeding any one or combination of these limits may cause
permanent damage to this device.
9. MACOM does not recommend sustained operation near these
survivability limits.
Evaluation Board
10. VBIAS can be connected separate of VDD to control the drain
current. When VBIAS is connected directly either a resistor is
used to drop the voltage down from 3 V, or if the exact bias
voltage (~2 V) is applied, then an inductor L3 can be used.
Component Values
Evaluation Board Schematic
RFIN
RFOUT
C1
C4
R1
VCC
L2
C5
C9
C6
Vdd
GND
C9
C1
C4
C6
C5
L2
L1
C2
C3
C1
C4
L3/R1
C8
C7
RF IN
RF OUT
RF OUT
RF IN
Part
Value
Case Style
C1, C4, C5
1 nF
0402
C6
10 nF
0402
C9
100 µF tantalum
size C
L2
82 nH
0402
L3 or R110,
Please refer to RBIAS vs. IDQ plot to
select the appropriate R1 value
C2, C3, C7,
C8, L1, L3
Do not populate


Similar Part No. - MAAL-010570

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   X-Band Low Noise Amplifier
MAAL-010528-001SMB MA-COM-MAAL-010528-001SMB Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
MAAL-010528-001SMB MA-COM-MAAL-010528-001SMB Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
MAAL-010528-TR0500 MA-COM-MAAL-010528-TR0500 Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
More results

Similar Description - MAAL-010570

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com