Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-008624-TR3000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-008624-TR3000
Description  High Dynamic Range Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-008624-TR3000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAL-008624-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-008624-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-008624-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-008624-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-008624-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
High Dynamic Range Low Noise Amplifier
400 - 500 MHz
Rev. V1
MAAL-008624
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = +25°C, Z0 = 50 Ω, F = 450 MHz, Pin = -30 dBm
Parameter
Test Conditions
Units
Min
Typ
Max
Gain
5 V, 60 mA5
dB
19
21
24
Noise Figure
5 V, 60 mA5
dB
0.9
1.4
Input Return Loss
dB
9
Output Return Loss
dB
11
Output
1 dB Compression
5 V, 60 mA5
dBm
16.5
Output IP3
5 V, 60 mA5
dBm
28
Input IP3
5 V, 60 mA5
dBm
3
7
Reverse Isolation
dB
34
5. Using external 15-ohm resistor. See functional schematic.
External Circuitry Parts List
Part
Value
Purpose
C1
100 pF
DC Block
C2
8 pF
Input Matching
C3
470 pF
Bypass
C4
4 pF
Output Matching
L1
22 nH
Input Matching
L2
43 nH
Input Matching
L3
12 nH
RF Choke
L4
11 nH
Output Matching
R1
15 Ohms
Optional current control6
6. Pin 2 allows use of an external resistor to ground for
optional, higher current. For 20 mA operation, no resistor is
used.
For IDD ~ 40 mA, R2 = 43 ohms;
IDD ~ 60 mA, R2 = 15 ohms;
IDD ~ 80 mA, R2 = 10 ohms.
Functional Schematic
IN
C1
OUT
L1
C2
L2
R1
(See
note 6)
L3
VDD
C3
L4
C4
3
2
7
6
1,4,5,8
Handling Procedures
The following precautions should be observed to
avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - MAAL-008624-TR3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008624-TR3000 MACOM-MAAL-008624-TR3000 Datasheet
151Kb / 4P
   High Dynamic Range Low Noise Amplifier 400-500 MHz
logo
M/A-COM Technology Solu...
MAAL-008624-TR3000 MA-COM-MAAL-008624-TR3000 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier 400 - 500 MHz
More results

Similar Description - MAAL-008624-TR3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
logo
ATMEL Corporation
ATR4251 ATMEL-ATR4251_09 Datasheet
433Kb / 21P
   Low-noise, High-dynamic-range Antenna Amplifier IC
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com