Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010570-000000 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010570-000000
Description  Low Noise Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010570-000000 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAL-010570-000000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAL-010570-000000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010570-000000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010570-000000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010570-000000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010570-000000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010570-000000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010570-000000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010570-000000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Low Noise Amplifier
0.1 - 3.5 GHz
Rev. V3
MAAL-010570
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Single Voltage Supply 3V ~ 5V
 Integrated Active Bias Circuit
 Adjustable Current with an External Resistor
 Low Noise Figure
 High Linearity OIP3: 34.5 dBm @ 2 GHz
 Broadband Match
 Integrated ESD Protection
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAL-010570 is a high dynamic range single
stage MMIC LNA with excellent linearity and low
noise figure designed for operation from 0.1 to 3.5
GHz. The LNA is packaged in an RoHS compliant
SOT-363
package
and
requires
no
external
matching components.
This MMIC has an integrated active bias circuit
allowing direct connection to +3 V supply and
minimizing variation over temperature and process.
The bias current can be set with an external resistor
to allow the user to customize the current value to fit
the application.
The MAAL-010570 offers less than 1 dB noise figure
and 34.5 dBm OIP3 at 2 GHz. The broadband match
and single supply operation makes this LNA easy to
use
and
simplifies
its
implementation
while
maintaining excellent performance. The low thermal
resistance
and
integrated
ESD
protection
significantly enhances the quality, reliability and
ruggedness of this product.
Part Number
Package
MAAL-010570-000000
bulk quantity
MAAL-010570-TR3000
3000 piece reel
MAAL-010570-001SMB
evaluation board
(100 MHz ~ 3.5 GHz)
Functional Block Diagram
RFout / Vdd
GND
Vbias
N/C
GND
RFin
Pin Configuration3
Ordering Information1,2
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
3. It is recommended that all N/C (no connection) pins be
grounded.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Pin No.
Pin Name
Description
1
N/C
No Connection
2
GND
Ground
3
RFIN
RF Input
4
VBIAS
Bias Voltage
5
GND
Ground
6
RFOUT
RF Output


Similar Part No. - MAAL-010570-000000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   X-Band Low Noise Amplifier
MAAL-010528-001SMB MA-COM-MAAL-010528-001SMB Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
MAAL-010528-001SMB MA-COM-MAAL-010528-001SMB Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
MAAL-010528-TR0500 MA-COM-MAAL-010528-TR0500 Datasheet
450Kb / 7P
   The MAAL-010528 is a high performance X-band GaAs LNA, housed in a miniature, lead-free 3 mm PQFN surface mount plastic package.
More results

Similar Description - MAAL-010570-000000

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com