Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-010705-001SMB Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAAL-010705-001SMB
Description  Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAL-010705-001SMB Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAL-010705-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAL-010705-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAL-010705-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAL-010705-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAL-010705-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAL-010705-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAL-010705-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAL-010705-001SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAL-010705-001SMB Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Low Noise Amplifier
0.5-1.6 GHz
Rev. V2
MAAL-010705
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
7
7. S-Parameters files are available for download at macomtech.com.
26
-24
-22
-20
-18
-16
-14
-12
-10
0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5 2.75 3 3.25 3.5 3.75 4
-50
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
-28
-26
20
22
24
26
28
30
32
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
0
2
4
6
8
10
12
14
16
18
20
p2
p1
DB(|S(2,1)|)[X,3,2]
DB(GMax())[X,3,2]
S22
Swp Max
2 GHz
10.0
5.0
3.
0
4.
0
0 4 GHz
-0.
2
-0
.4
Swp Min
1.6 GHz
0.9 GHz
0.4 GHz
0.3 GHz
S11
Swp Max
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
Swp Min
1.6 GHz
0.9 GHz
0.4 GHz
2 GHz
0.3 GHz
Gain
Reverse Isolation
Input Return Loss
Output Return Loss
S-Parameters7: 4 V


Similar Part No. - MAAL-010705-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010705-001SMB MA-COM-MAAL-010705-001SMB Datasheet
634Kb / 9P
   Excellent Input Return Loss Integrated Active Bias Circuit
More results

Similar Description - MAAL-010705-001SMB

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com