Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-008818 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-008818
Description  Broadband CATV Single Ended 2-Way Active Splitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-008818 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAM-008818_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-008818_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-008818_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-008818_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-008818_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-008818_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-008818_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Broadband CATV Single Ended 2-Way Active Splitter
50 - 1100 MHz
Rev. V2
MAAM-008818
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves
Gain to 1100 MHz
Typical All Outputs
Output Return Loss
Typical All Outputs
Input Return Loss
Gain to 3000 MHz
Typical All Outputs
-25
-20
-15
-10
-5
0
0
220
440
660
880
1100
+25°C
-20°C
+85°C
Frequency (MHz)
-25
-20
-15
-10
-5
0
0
220
440
660
880
1100
+25°C
-20°C
+85°C
Frequency (MHz)
0
1
2
3
4
5
0
220
440
660
880
1100
+25°C
-20°C
+85°C
Frequency (MHz)
-20
-15
-10
-5
0
5
0
600
1200
1800
2400
3000
+25°C
-20°C
+85°C
Frequency (MHz)


Similar Part No. - MAAM-008818_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-008818 MA-COM-MAAM-008818_17 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
More results

Similar Description - MAAM-008818_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818_17 Datasheet
870Kb / 7P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_15 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_17 Datasheet
933Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818 Datasheet
210Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805 Datasheet
227Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818 Datasheet
204Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-007805_V2 MA-COM-MAAM-007805_V2 Datasheet
227Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-009811 MA-COM-MAAM-009811_15 Datasheet
897Kb / 6P
   Broadband CATV Single Ended 2-Way Active Splitter
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
   Broadband CATV Single Ended 2-Way Active Splitter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com