Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-011182-TR3000 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011182-TR3000
Description  Single stage, single ended, 8 V, 130 mA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011182-TR3000 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAM-011182-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-011182-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011182-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011182-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011182-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011182-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011182-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
75 Ω, 8 V RF Amplifier
45 - 1218 MHz
Rev. V2
MAAM-011182
Typical Performance Curves: VDD = 8 V
CSO Lower
79 ch , 0 dB tilt, 34 dBmV per ch
CSO Upper
79 ch , 0 dB tilt, 34 dBmV per ch
CTB
79 ch , 0 dB tilt, 34 dBmV per ch
60
65
70
75
80
85
90
95
0
100
200
300
400
500
600
+25°C
-40°C
+85°C
Frequency (MHz)
60
65
70
75
80
85
90
95
0
100
200
300
400
500
600
+25°C
-40°C
+85°C
Frequency (MHz)
60
65
70
75
80
85
90
95
0
100
200
300
400
500
600
+25°C
-40°C
+85°C
Frequency (MHz)


Similar Part No. - MAAM-011182-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
MAAM-011184-001SMB MA-COM-MAAM-011184-001SMB Datasheet
900Kb / 7P
   CATV Return Path Amplifier
MAAM-011184-TR1000 MA-COM-MAAM-011184-TR1000 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
MAAM-011184-TR3000 MA-COM-MAAM-011184-TR3000 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
   CATV Return Path Differential Amplifier
More results

Similar Description - MAAM-011182-TR3000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS84LT1 ONSEMI-BSS84LT1 Datasheet
67Kb / 4P
   Power MOSFET 130 mA, 50 V
June, 2004 ??Rev. 5
logo
STMicroelectronics
74V1GU04 STMICROELECTRONICS-74V1GU04 Datasheet
48Kb / 7P
   SINGLE INVERTER SINGLE STAGE
74V1GU04 STMICROELECTRONICS-74V1GU04_04 Datasheet
110Kb / 9P
   SINGLE INVERTER (SINGLE STAGE)
logo
WILLAS ELECTRONIC CORP
2N7002NT1 WILLAS-2N7002NT1 Datasheet
327Kb / 5P
   30 V, 154 mA, Single
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83058I RENESAS-83058I Datasheet
363Kb / 15P
   8:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
8308I IDT-8308I Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
logo
Integrated Circuit Syst...
ICS83058I ICST-ICS83058I Datasheet
153Kb / 12P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Device Techn...
83058 IDT-83058_15 Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
logo
National Semiconductor ...
LMH6618 NSC-LMH6618_14 Datasheet
2Mb / 38P
   LMH6618 Single/LMH6619 Dual 130 MHz, 1.25 mA RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com