Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450-LUR-3900 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 450-LUR-3900
Description  SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

450-LUR-3900 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  450-LUR-3900 Datasheet HTML 1Page - RUBYCON CORPORATION 450-LUR-3900 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR
350
400
3300
3900
4700
5600
5600
6800
8200
8200
10000
10000
12000
15000
15000
18000
22000
2700
3300
3900
4700
4700
5600
6800
6800
8200
8200
10000
10000
12000
12000
15000
18000
17.3
18.7
20.6
22.7
28.4
30.1
33.2
41.0
37.4
47.4
39.2
46.6
59.4
61.9
67.4
16.5
18.0
19.8
21.8
27.1
28.7
32.5
39.4
35.8
45.2
37.5
47.5
40.8
52.1
59.3
64.5
12.1
13.3
15.1
16.9
19.5
21.4
24.1
25.1
28.2
30.4
29.5
35.8
40.6
42.3
47.1
11.5
12.8
14.4
16.2
18.6
20.4
23.1
24.1
26.0
28.9
28.2
30.4
31.3
34.2
40.6
45.1
103
113
133
153
109.5
139.5
159.5
109.8
199.5
139.8
199.5
226.5
199.8
199.8
226.8
103
113
133
153
109.5
139.5
139.5
109.8
159.5
139.8
199.5
139.8
226.5
159.8
199.8
226.8
64×96
64×106
64×126
64×146
77×103
77×133
77×153
90×103
77×193
90×133
77×193
77×220
90×193
90×193
90×220
64×96
64×106
64×126
64×146
77×103
77×133
77×133
90×103
77×153
90×133
77×193
90×133
77×220
90×153
90×193
90×220
450
Size
φDXL
(㎜)
Ta=85℃※1 Tc=85℃※2
Lt
(㎜)
500
2200
2700
3300
3300
3900
3900
4700
5600
5600
6800
6800
8200
8200
10000
10000
12000
15000
1800
2200
2700
2700
3300
3300
3900
4700
4700
5600
5600
6800
6800
8200
8200
10000
12000
15.7
17.1
18.9
22.9
20.8
24.8
27.3
30.0
37.5
33.7
43.0
35.6
45.2
41.5
53.3
56.1
61.6
13.6
14.9
16.5
19.8
18.3
21.7
23.8
26.1
33.0
29.2
37.3
31.0
39.8
33.9
43.6
49.1
53.5
10.9
12.1
13.8
15.7
15.4
17.2
19.5
21.8
23.0
25.3
27.5
26.8
29.0
31.9
36.4
38.3
43.0
9.5
10.6
12.0
13.6
13.6
15.1
16.9
19.0
20.2
21.2
23.9
23.3
25.5
26.0
28.6
33.5
37.4
103
113
133
109.5
153
119.5
139.5
159.5
109.8
199.5
139.8
199.5
139.8
226.5
199.8
199.8
226.8
103
113
133
109.5
153
119.5
139.5
159.5
109.8
159.5
139.8
199.5
139.8
226.5
159.8
199.8
226.8
64×96
64×106
64×126
77×103
64×146
77×113
77×133
77×153
90×103
77×193
90×133
77×193
90×133
77×220
90×193
90×193
90×220
64×96
64×106
64×126
77×103
64×146
77×113
77×133
77×153
90×103
77×153
90×133
77×193
90×133
77×220
90×153
90×193
90×220
Size
φDXL
(㎜)
Ta=85℃※1 Tc=85℃※2
Lt
(㎜)
◆Tightening torque of bolt and Permissible current of terminal.
Rated Voltage
(Vdc)
Capacitance
(uF)
Rated Ripple Current
(Arms 85℃, 120Hz)
Rated Voltage
(Vdc)
Capacitance
(uF)
Rated Ripple Current
(Arms 85℃, 120Hz)
Clamp Bolt
M3
M4
0.6 [N・m]
1.3 [N・m]
Recommended Tightening torque
Terminal Recommended Tightening torque
(Permissible Range)
M5
2.2(1.5∼3.2) [N・m]
Permissible Current
of Terminal
60Arms
M6
3.2(3.0∼3.5) [N・m]
100Arms
Ta:Ambient temperature under natural convection.
Tc:Case bottom temperature.
※1:Rated ripple current in continuous operation under natural convection at Ta=85℃.
※2:Rated ripple current in continuous operation under forced convection at Ta=85℃.


Similar Part No. - 450-LUR-3900

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
450-0004 LSTD-450-0004 Datasheet
1Mb / 46P
   Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
450-00048B LSTD-450-00048B Datasheet
294Kb / 2P
   Bluetooth v5 Long Range IP67 Multi Sensor
450-00121-K1 LSTD-450-00121-K1 Datasheet
895Kb / 3P
   SentriusTM BT610 I/O Sensor
450-00136B LSTD-450-00136B Datasheet
895Kb / 3P
   SentriusTM BT610 I/O Sensor
logo
CAMBION Electronic Comp...
450-0016 CAMBION-450-0016 Datasheet
29Kb / 1P
   socket for patch lead ends, for .059 - .062 (1,52 - 1,57) diameter pins
More results

Similar Description - 450-LUR-3900

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ_15 Datasheet
172Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com