Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6028960 Datasheet(PDF) 3 Page - SICK AG

Part # 6028960
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6028960 Datasheet(HTML) 3 Page - SICK AG

  6028960 Datasheet HTML 1Page - SICK AG 6028960 Datasheet HTML 2Page - SICK AG 6028960 Datasheet HTML 3Page - SICK AG 6028960 Datasheet HTML 4Page - SICK AG 6028960 Datasheet HTML 5Page - SICK AG 6028960 Datasheet HTML 6Page - SICK AG 6028960 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AOD-P1 | OD Max
DISPLACEMENT MEASUREMENT SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Connection type
Terminal board
Indication
1,4'' color display
Weight
240 g 3)
1) DC 12 V (–5 %) ... DC 24 V (+10 %)
2) When connected with two sensor heads, incl. analog current output.
3) Inclusive terminal board.
Ambient data
Enclosure rating
IP 20
Protection class
III
Ambient temperature
Operation: –10 °C ... +45 °C
Storage: –20 °C ... +60 °C
Relative air humidity (non-condensing)
35 % ... 85 %
Vibration resistance
10 Hz ... 55 Hz (amplitude 1.5 mm, x-, y-, z-axis 2 hours each)
Shock resistance
50 G (x, y, z axis 3 times each)
General notes
Note on use
OD Max sensor head OD25-x is only to be used with AODG-P/N1; All other types (OD350-x,
OD85-x, OD30-x) are to be used with AOD-P/N1
Dimensional drawing (Dimensions in mm (inch))
AOD-xx AODG-xx
4
5
6
3
3
2
1
47 (1.85)
103 (4.06)
65.4 (2.57)
22
(0.87)
27.4
(1.08)
7.7
(0.30)
14.7
(0.58)
①  DIN rail mounting
②  LC display
③  Terminal board (detachable)
④  RS-232C interface
⑤  Sensor head B connection port
⑥  Sensor head A connection port


Similar Part No. - 6028960

ManufacturerPart #DatasheetDescription
logo
SICK AG
6028961 SICK-6028961 Datasheet
444Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
6028964 SICK-6028964 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
6028965 SICK-6028965 Datasheet
346Kb / 4P
   ULTRASONIC SENSORS
More results

Similar Description - 6028960

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com