Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OD5-85T20 Datasheet(PDF) 6 Page - SICK AG

Part # OD5-85T20
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

OD5-85T20 Datasheet(HTML) 6 Page - SICK AG

  OD5-85T20 Datasheet HTML 1Page - SICK AG OD5-85T20 Datasheet HTML 2Page - SICK AG OD5-85T20 Datasheet HTML 3Page - SICK AG OD5-85T20 Datasheet HTML 4Page - SICK AG OD5-85T20 Datasheet HTML 5Page - SICK AG OD5-85T20 Datasheet HTML 6Page - SICK AG OD5-85T20 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
OD5-85T20 | OD Precision
DISPLACEMENT MEASUREMENT SENSORS
6
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Brief description
Type
Part no.
Head A: female connector, M12, 12-pin, straight
Head B: cable
Cable: PVC, shielded, 5 m
For stand-alone operation
DOL-1212-G05M
6035988
Head A: male connector, 50-pin, straight
Head B: cable
Cable: PVC, shielded, 3 m
In- and output expansion cable for AOD5-P/N1 (OD Precision)
IO-EXP-AOD5
6035990
Head A: female connector, M12, 12-pin, straight
Head B: male connector, M12, 12-pin, straight
Cable: RS-422, PVC, shielded, 2 m
OD Precision specific
DSL-1212-G02M
6035986
Head A: female connector, M12, 12-pin, straight
Head B: male connector, M12, 12-pin, straight
Cable: RS-422, PVC, shielded, 5 m
OD Precision specific
DSL-1212-G05M
6035987
Head A: male connector, 12-pin
Head B: terminal connector, 12-pin
Cable: unshielded
Terminal strip for AOD5-P/N1 (OD Precision)
TERM.-AOD5
6035989


Similar Part No. - OD5-85T20

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD5-85W20 SICK-OD5-85W20 Datasheet
850Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - OD5-85T20

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com