Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25066PSQ Datasheet(PDF) 9 Page - Texas Instruments

Part # LM25066PSQ
Description  System Power Management and Protection IC With PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066PSQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM25066PSQ Datasheet HTML 5Page - Texas Instruments LM25066PSQ Datasheet HTML 6Page - Texas Instruments LM25066PSQ Datasheet HTML 7Page - Texas Instruments LM25066PSQ Datasheet HTML 8Page - Texas Instruments LM25066PSQ Datasheet HTML 9Page - Texas Instruments LM25066PSQ Datasheet HTML 10Page - Texas Instruments LM25066PSQ Datasheet HTML 11Page - Texas Instruments LM25066PSQ Datasheet HTML 12Page - Texas Instruments LM25066PSQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
SCL
VIH
VIL
VIH
VIL
P
S
S
P
SDA
tHD;DAT
tSU;STO
tHD;STA
tSU;STA
tSU;DAT
tHIGH
tBUF
tLOW
tR
tF
LM25066
www.ti.com
SNVS654J – FEBRUARY 2010 – REVISED DECEMBER 2015
7.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
tCL
Response time
VIN-SENSE stepped from 0 mV to 80 mV
1.2
µs
CIRCUIT BREAKER
VIN - SENSE stepped from 0 mV to 150 mV,
tCB
Response time
0.6
1.2
µs
time to GATE low, no load
TIMER (TIMER PIN)
tFAULT_DELAY
Fault to GATE low delay
TIMER pin reaches the upper threshold
17
µs
ADC AND MUX
tAQUIRE
Acquisition + conversion time
Any channel
100
µs
tRR
Acquisition round robin time
Cycle all channels
1
ms
Figure 1. SMBus Timing Diagram
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25066


Similar Part No. - LM25066PSQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25066 NSC-LM25066 Datasheet
5Mb / 18P
   Evaluation Board Insertion delay: 147 ms (typical)
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066A TI1-LM25066A Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQ/NOPB TI1-LM25066APSQ/NOPB Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results

Similar Description - LM25066PSQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com