Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25037QMT Datasheet(PDF) 9 Page - Texas Instruments

Part # LM25037QMT
Description  Dual-Mode PWM Controller With Alternating Outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25037QMT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM25037QMT Datasheet HTML 5Page - Texas Instruments LM25037QMT Datasheet HTML 6Page - Texas Instruments LM25037QMT Datasheet HTML 7Page - Texas Instruments LM25037QMT Datasheet HTML 8Page - Texas Instruments LM25037QMT Datasheet HTML 9Page - Texas Instruments LM25037QMT Datasheet HTML 10Page - Texas Instruments LM25037QMT Datasheet HTML 11Page - Texas Instruments LM25037QMT Datasheet HTML 12Page - Texas Instruments LM25037QMT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
VIN
VCC
SS
OSCILLATOR
CLK
PWM
VCC/REF
UVLO
CS
RAMP
CLK + LEB
OUTA
DRIVER
OUTB
VCC
COMP
SS
UVLO
RES
CLK
8 PA
DRIVER
5V
Reference
REF
STANDBY
SHUTDOWN
SS
PWM
LOGIC
Standby
S
R
Q
AGND
PGND
+5V
Hiccup
RESTART DELAY
RT2
VCC
FB
ERROR
AMP
J
Q
Q
K
SET
CLR
SS Buffer
Shutdown
7.7V LDO
UVLO HYSTERESIS (22 PA)
RT1/SYNC
THERMAL LIMIT
( 165°C)
1V
Restart
Current
Source
Logic
18 PA
5k
+5V
+5V
+5V
1.25V
1.25V
0.45V
MODE
CONTROL
LOGIC
1 PA
100 PA
0.25V
SOFT-START
SOFT-STOP
100 PA
2.0V
LM25037, LM25037-Q1
www.ti.com
SNVS572E – JULY 2008 – REVISED JANUARY 2016
7 Detailed Description
7.1 Overview
The LM25037 PWM controller contains all the features necessary to implement double-ended power converter
topologies such as push-pull, half-bridge and full-bridge. The unique architecture allows the modulator to be
configured for either voltage-mode or current-mode control. The LM25037 provides two alternating gate driver
outputs to drive the primary side power MOSFETs with programmable forced dead-time. The LM25037 can be
configured to operate with bias voltages ranging from 5.5 V to 75 V. Additional features include line undervoltage
lockout, cycle-by-cycle current limit, voltage feed-forward compensation, and hiccup mode fault protection with
adjustable delays, soft-start, and a 2-MHz capable oscillator with synchronization capability, precision reference,
and thermal shutdown. These rich set of features simplify the design of double ended topologies. The functional
block diagram is show in the Functional Block Diagram section.
7.2 Functional Block Diagram
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM25037 LM25037-Q1


Similar Part No. - LM25037QMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25037QMT NSC-LM25037QMT Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037QMT/NOPB TI-LM25037QMT/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037QMTX NSC-LM25037QMTX Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037QMTX/NOPB TI-LM25037QMTX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
More results

Similar Description - LM25037QMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com