Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMG5200MOFT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMG5200MOFT
Description  GaN Half-Bridge Power Stage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMG5200MOFT Datasheet(HTML) 5 Page - Texas Instruments

  LMG5200MOFT Datasheet HTML 1Page - Texas Instruments LMG5200MOFT Datasheet HTML 2Page - Texas Instruments LMG5200MOFT Datasheet HTML 3Page - Texas Instruments LMG5200MOFT Datasheet HTML 4Page - Texas Instruments LMG5200MOFT Datasheet HTML 5Page - Texas Instruments LMG5200MOFT Datasheet HTML 6Page - Texas Instruments LMG5200MOFT Datasheet HTML 7Page - Texas Instruments LMG5200MOFT Datasheet HTML 8Page - Texas Instruments LMG5200MOFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LMG5200
www.ti.com
SNOSCY4B – MARCH 2015 – REVISED JANUARY 2016
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENTS
IVCC
VCC quiescent current
LI = HI = 0 V, VVCC = 5 V
0.07
0.1
mA
ICCO
VCC operating current
f = 500 kHz
3.0
5.0
mA
IHB
Total HB quiescent current
LI = HI = 0 V, VVCC = 5 V
0.09
0.120
mA
f = 500 kHz, 50% Duty cycle,
IHBO
Total HB operating current
1.5
2
mA
VDD = 5 V
INPUT PINS
VIH
High-level input voltage
Rising edge
1.89
2.06
2.18
V
VIL
Low-level input voltage
Falling edge
1.48
1.66
1.76
V
Hysteresis between rising and falling
VHYS
400
mV
threshold
RI
Input pull-down resistance
100
200
300
k
UNDERVOLTAGE PROTECTION
VVCC
VCC rising edge threshold
Rising
3.2
3.8
4.5
V
Hysteresis between falling and rising
VVCC(hyst)
185
mV
edge
VHB
HB rising edge threshold
Rising
2.7
3.2
3.7
V
HB hysteresis between rising edge
185
mV
and falling edge
BOOTSTRAP DIODE
VDL
Low-current forward voltage
IVDD-HB = 100 µA
0.45
0.65
V
VDH
High-current forward voltage
IVDD-HB = 100 mA
0.9
1.0
V
RD
Dynamic resistance
1.6
2.8
HB-HS clamp
Regulation voltage
4.7
5
5.3
V
Bootstrap diode reverse recovery
tBS
IF = 100 mA, IR = 100 mA
40
ns
time
Bootstrap diode reverse recovery
QRR
VVIN = 50 V
2
nC
charge
POWER STAGE
RDS(on)HS
High-side GaN FET on-resistance
IOUT = 5 A, VVCC = 5 V, TJ = 25ºC
14
18
m
RDS(on)LS
Low-side GaN FET on-resistance
IOUT = 5 A, VVCC = 5 V, TJ = 25ºC
14
18
m
ISD = 500 mA, VIN floating,
VSD
GaN 3rd quadrant conduction drop
2
V
VVCC = 5 V, HI, LI low
Leakage between VIN to SW when
VIN = 80 V, (HI = LI = 0 V)
IL-VIN-SW
the high-side GaN FET and low-side
25
150
µA
VVCC = 5 V, TJ = 25ºC
GaN FET are off
Leakage between SW and GND
VSW = 80 V, HI , LI = 0 V, VVCC = 5
IL-SW-GND
when the high-side GaN FET and
V,
25
150
µA
low-side GaN FET are off
TJ = 25ºC
Output capacitance of high-side
VDS = 50 V, VGS = 0 V
COSS
225
280
pF
GaN FET and low-side GaN FET
(HI = LI = 0 V)
QG
Total gate charge
VDS = 50 V, ID = 10 A, VGS = 5 V
3.8
nC
QOSS
Output charge
VDS = 50 V, ID = 10 A
20
nC
Source to drain reverse recovery
Not including internal driver
QRR
0
nC
charge
bootstrap diode
Copyright © 2015–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMG5200


Similar Part No. - LMG5200MOFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
[Old version datasheet]   GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
More results

Similar Description - LMG5200MOFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
[Old version datasheet]   GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
LMG2100R044 TI1-LMG2100R044 Datasheet
916Kb / 26P
[Old version datasheet]   LMG2100R044 100-V, 35-A GaN Half-Bridge Power Stage
JULY 2023
logo
List of Unclassifed Man...
WI62120 ETC-WI62120 Datasheet
3Mb / 10P
   Half-Bridge Power GaN IC
Rev. 1.0
logo
Efficient Power Convers...
EPC2101 EPC-CO-EPC2101 Datasheet
2Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2103 EPC-CO-EPC2103 Datasheet
1Mb / 7P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2105 EPC-CO-EPC2105 Datasheet
2Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2106 EPC-CO-EPC2106 Datasheet
1Mb / 7P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2111 EPC-CO-EPC2111 Datasheet
1Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com