Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMG5200MOFT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMG5200MOFT
Description  GaN Half-Bridge Power Stage
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMG5200MOFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMG5200MOFT Datasheet HTML 4Page - Texas Instruments LMG5200MOFT Datasheet HTML 5Page - Texas Instruments LMG5200MOFT Datasheet HTML 6Page - Texas Instruments LMG5200MOFT Datasheet HTML 7Page - Texas Instruments LMG5200MOFT Datasheet HTML 8Page - Texas Instruments LMG5200MOFT Datasheet HTML 9Page - Texas Instruments LMG5200MOFT Datasheet HTML 10Page - Texas Instruments LMG5200MOFT Datasheet HTML 11Page - Texas Instruments LMG5200MOFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SW
PGND
8
9
VIN
1
HI
LI
4
5
HS
3
HB
2
VCC
6
AGND
7
LMG5200
Pattern
Generator
VOUT
Delay Measurement
(A)
LMG5200
SNOSCY4B – MARCH 2015 – REVISED JANUARY 2016
www.ti.com
7 Parameter Measurement Information
7.1 Propagation Delay and Mismatch Measurement
Figure 5 shows the typical test setup used to measure the propagation mismatch. As the gate drives are not
accessible, pull-up and pull-down resistors in this test circuit are used to indicate when the low-side GaN FET
turns ON and the high-side GaN FET turns OFF and vice versa to measure the tMON and tMOFF parameters.
Resistance values used in this circuit for the pull-up and pull-down resistors are in the order of 1 k
Ω, the current
sources used are 2 A.
Figure 6 through Figure 8 show propagation delay measurement waveforms. For turn-on propagation delay
measurements, the current sources are not used. For turn-off time measurements, the current sources are set to
2 A and a voltage clamp limit is also set, referred to as VIN(CLAMP). When measuring the high-side component
turn-off delay, the current source across the high-side FET is turned on, the current source across the low-side
FET is off, HI transitions from high-to-low and output voltage transitions from VIN to VIN(CLAMP). Similarly for low-
side component turn-off propagation delay measurements, the high-side component current source is turned off
and the low-side component current source is turned on, LI transitions from high to low and the output transitions
from GND potential to VIN(CLAMP). The time between the transition of LI and the output change is the propagation
delay time.
Figure 5. Propagation Delay and Propagation Mismatch Measurement
8
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Product Folder Links: LMG5200


Similar Part No. - LMG5200MOFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
[Old version datasheet]   GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
More results

Similar Description - LMG5200MOFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
[Old version datasheet]   GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
LMG2100R044 TI1-LMG2100R044 Datasheet
916Kb / 26P
[Old version datasheet]   LMG2100R044 100-V, 35-A GaN Half-Bridge Power Stage
JULY 2023
logo
List of Unclassifed Man...
WI62120 ETC-WI62120 Datasheet
3Mb / 10P
   Half-Bridge Power GaN IC
Rev. 1.0
logo
Efficient Power Convers...
EPC2101 EPC-CO-EPC2101 Datasheet
2Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2103 EPC-CO-EPC2103 Datasheet
1Mb / 7P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2105 EPC-CO-EPC2105 Datasheet
2Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2106 EPC-CO-EPC2106 Datasheet
1Mb / 7P
   Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2111 EPC-CO-EPC2111 Datasheet
1Mb / 9P
   Enhancement-Mode GaN Power Transistor Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com