Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38693MPX-ADJ Datasheet(PDF) 7 Page - Texas Instruments

Part # LP38693MPX-ADJ
Description  500-mA Low-Dropout CMOS Linear Regulators Stable
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693MPX-ADJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP38693MPX-ADJ Datasheet HTML 3Page - Texas Instruments LP38693MPX-ADJ Datasheet HTML 4Page - Texas Instruments LP38693MPX-ADJ Datasheet HTML 5Page - Texas Instruments LP38693MPX-ADJ Datasheet HTML 6Page - Texas Instruments LP38693MPX-ADJ Datasheet HTML 7Page - Texas Instruments LP38693MPX-ADJ Datasheet HTML 8Page - Texas Instruments LP38693MPX-ADJ Datasheet HTML 9Page - Texas Instruments LP38693MPX-ADJ Datasheet HTML 10Page - Texas Instruments LP38693MPX-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
20
10
0
-10
-20
3
4
5
VIN
VOUT
VOUT = 3.3V
COUT = 100 PF
200 Ps/DIV
40
20
0
-20
-40
1
2
3
4
VIN
VOUT
VOUT = 1.25V
COUT = 10 PF
200 Ps/DIV
-50
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
20
10
0
-10
-20
1
2
3
4
VIN
VOUT
VOUT = 1.25V
COUT = 100 PF
200 Ps/DIV
10
100
1k
10k
100k
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
VIN (DC) = 3.25V
VIN (AC) = 1V(p-p)
COUT = 1 PF
10
100
1k
10k
100k
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
VIN (DC) = 3.25V
VIN (AC) = 1V(p-p)
COUT = 100 PF
7
LP38691-ADJ, LP38693-ADJ, LP38691-ADJ-Q1, LP38693-ADJ-Q1
www.ti.com
SNVS324K – JANUARY 2005 – REVISED JANUARY 2016
Product Folder Links: LP38691-ADJ LP38693-ADJ LP38691-ADJ-Q1 LP38693-ADJ-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, CIN = COUT = 10 µF, EN pin is tied to IN (LP38693-ADJ only), VOUT = 1.25 V, VIN =
VOUT 1 V, ILOAD = 10 mA.
Figure 5. Ripple Rejection
Figure 6. Ripple Rejection
Figure 7. VREF vs Temperature
Figure 8. Line Transient Response
Figure 9. Line Transient Response
Figure 10. Line Transient Response


Similar Part No. - LP38693MPX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38693MPX-ADJ NSC-LP38693MPX-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
LP38693MPX-ADJ NSC-LP38693MPX-ADJ Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38693MPX-ADJ/NOPB TI1-LP38693MPX-ADJ/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results

Similar Description - LP38693MPX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691 TI1-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Dropout CMOS Linear Regulators Stable
LP38691 TI-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
List of Unclassifed Man...
B4500 ETC-B4500 Datasheet
64Kb / 6P
   500 mA Low Dropout Voltage Regulators
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
First Components Intern...
LM8805 FCI-LM8805 Datasheet
439Kb / 7P
   600mA CMOS Low-Dropout Linear Regulators
logo
Toshiba Semiconductor
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com