Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM536013QDSXRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM536013QDSXRQ1
Description  Automotive Step Down DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM536013QDSXRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  LM536013QDSXRQ1 Datasheet HTML 1Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 2Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 3Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 4Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 5Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 6Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 7Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 8Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
SW
BOOT
RESET
AGND
VIN
SYNC/
MODE
GND
EN
VCC
FB
(DAP)
LM53600
LM53601
CIN
VPU
RPU
VSUPPLY
CVCC
CBOOT
L1
COUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM53600-Q1, LM53601-Q1
SNAS660B – JUNE 2015 – REVISED FEBRUARY 2016
LM53600/01-Q1, 0.65A/1A, 36V Synchronous, 2.1MHz,
Automotive Step Down DC-DC Converter
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM Classification Level 2
Device CDM Classification Level C5
–40°C to 150°C Junction Temperature Range
Wide Operating Input Voltage: 3.55 V to 36 V
(With Transient to 42 V)
Spread Spectrum Option Available
2.1-MHz Fixed Switching Frequency
Low Quiescent Current: 23
μA
Shutdown Current: 1.8 µA
Adjustable, 3.3-V, or 5-V Output
Maximum Current Load: 650 mA for LM53600-Q1,
1000 mA for LM53601-Q1
Pin Selectable Forced PWM Mode
RESET Output with Filter and Delay Release
External Frequency Synchronization
Internal Compensation, Soft Start, Current Limit,
and UVLO
10-Lead, 3-mm x 3-mm SON Package with
Wettable Flanks
2 Applications
Automotive Camera Applications
Automotive Driver Assistance Systems
Automotive Body Applications
space
3 Description
The LM53600-Q1 and LM53601-Q1 synchronous
buck regulator devices are optimized for automotive
applications, providing an output voltage of 5 V, 3.3
V, or an adjustable output. Load current up to 650
mA is supported by the LM53600-Q1, while the
LM53601-Q1 supports up to 1000 mA. Advanced
high-speed circuitry allows the LM53600-Q1 and
LM53601-Q1 devices to regulate from an input of 18
V to an output of 3.3 V at a fixed frequency of 2.1
MHz. Innovative architecture allows the device to
regulate a 3.3-V output from an input voltage of only
3.8 V. The input voltage range up to 36 V, with
transient tolerance of up to 42 V, eases input surge
protection design. An open drain reset output, with
filtering
and
delayed
release,
provides
a
true
indication of system status. This feature negates the
requirement for an additional supervisory component,
saving cost and board space. Seamless transitions
between PWM and PFM modes, along with a
quiescent current of only 23 µA, ensures high
efficiency and superior transient response at all loads.
Few external components are needed allowing the
generation
of
compact
PCB
layout.
While
the
LM53600-Q1 and LM53601-Q1 devices are Q1 rated,
electrical characteristics are guaranteed across a
junction temperature range of –40°C up to 150°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM53600-Q1
WSON (10)
3.00 mm x 3.00 mm
LM53601-Q1
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic – Fixed Output
Automotive 11.2-mm x 12.7-mm Layout


Similar Part No. - LM536013QDSXRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM536013QDSXRQ1 TI-LM536013QDSXRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results

Similar Description - LM536013QDSXRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com