Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM536013QDSXRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM536013QDSXRQ1
Description  Automotive Step Down DC-DC Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM536013QDSXRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM536013QDSXRQ1 Datasheet HTML 6Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 7Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 8Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 9Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 10Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 11Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 12Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 13Page - Texas Instruments LM536013QDSXRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
99
99.2
99.4
99.6
99.8
100
100.2
100.4
100.6
100.8
101
D017
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
1.3
1.4
1.5
1.6
1.7
1.8
1.9
D018
Rising
Falling
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
100
101
102
103
104
105
106
107
108
D015
Rising
Falling
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
92
93
94
95
96
97
98
99
100
D016
Rising
Falling
Margin
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
45
48
51
54
57
60
63
66
69
72
75
D013
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
75
77
79
81
83
85
87
89
91
93
95
D014
10
LM53600-Q1, LM53601-Q1
SNAS660B – JUNE 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM53600-Q1 LM53601-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
VIN = 13.5 V, TA = 25°C (unless otherwise noted). Specified temperatures are ambient.
Device Type = 3.3-V Fixed Output
Input Voltage = 20 V
Load = 500 mA
Figure 1. Minimum On-Time vs Temperature
Device Type = 1 A
5-V Fixed Output In Dropout
Output = 4.85 V
Load = 500 mA
Figure 2. Minimum Off-Time vs Temperature
Figure 3. Upper RESET Threshold
Margin is the difference between the falling RESET threshold and
actual regulation voltage which includes the effects of
temperature.
Figure 4. Lower Reset Threshold
Figure 5. Normalized VFB vs Temperature
Figure 6. EN Threshold vs Temperature


Similar Part No. - LM536013QDSXRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM536013QDSXRQ1 TI-LM536013QDSXRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   LM53600/01-Q1 0.65-A/1-A, 36-V Synchronous, 2.1-MHz Automotive Step-Down DC/DC Converter
More results

Similar Description - LM536013QDSXRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53625-Q1 TI1-LM53625-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX20037EVKIT MAXIM-MAX20037EVKIT Datasheet
111Kb / 2P
   automotive highcurrent step-down DC-DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com