Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38693-ADJ-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP38693-ADJ-Q1
Description  500-mA Low-Dropout CMOS Linear Regulators Stable
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38693-ADJ-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38693-ADJ-Q1 Datasheet HTML 6Page - Texas Instruments LP38693-ADJ-Q1 Datasheet HTML 7Page - Texas Instruments LP38693-ADJ-Q1 Datasheet HTML 8Page - Texas Instruments LP38693-ADJ-Q1 Datasheet HTML 9Page - Texas Instruments LP38693-ADJ-Q1 Datasheet HTML 10Page - Texas Instruments LP38693-ADJ-Q1 Datasheet HTML 11Page - Texas Instruments LP38693-ADJ-Q1 Datasheet HTML 12Page - Texas Instruments LP38693-ADJ-Q1 Datasheet HTML 13Page - Texas Instruments LP38693-ADJ-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
0
100
200
300
400
500
IOUT (mA)
0
100
200
300
400
500
600
700
800
900
-40°C
25°C
125°C
0
100
200
300
400
500
2
2.1
2.2
2.3
2.4
2.5
2.6
IOUT (mA)
-40°C
25°C
125°C
10
LP38691-ADJ, LP38693-ADJ, LP38691-ADJ-Q1, LP38693-ADJ-Q1
SNVS324K – JANUARY 2005 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LP38691-ADJ LP38693-ADJ LP38691-ADJ-Q1 LP38693-ADJ-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, CIN = COUT = 10 µF, EN pin is tied to IN (LP38693-ADJ only), VOUT = 1.25 V, VIN =
VOUT 1 V, ILOAD = 10 mA.
Figure 23. VOUT vs. VEN, Off (LP38693-ADJ only)
Figure 24. MIN VOUT vs. IOUT
VOUT = 1.8 V
Figure 25. Dropout Voltage vs. IOUT


Similar Part No. - LP38693-ADJ-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38693-ADJ NSC-LP38693-ADJ Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38693-ADJ TI1-LP38693-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results

Similar Description - LP38693-ADJ-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691 TI1-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Dropout CMOS Linear Regulators Stable
LP38691 TI-LP38691_15 Datasheet
1Mb / 34P
[Old version datasheet]   LP3869x/-Q1 500-mA Low-Dropout CMOS Linear Regulators Stable With Ceramic Output Capacitors
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
List of Unclassifed Man...
B4500 ETC-B4500 Datasheet
64Kb / 6P
   500 mA Low Dropout Voltage Regulators
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
First Components Intern...
LM8805 FCI-LM8805 Datasheet
439Kb / 7P
   600mA CMOS Low-Dropout Linear Regulators
logo
Toshiba Semiconductor
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com