Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS50301-HT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS50301-HT
Description  Input, 3-A/6-A Synchronous Step-Down SWIFT Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS50301-HT Datasheet(HTML) 4 Page - Texas Instruments

  TPS50301-HT_16 Datasheet HTML 1Page - Texas Instruments TPS50301-HT_16 Datasheet HTML 2Page - Texas Instruments TPS50301-HT_16 Datasheet HTML 3Page - Texas Instruments TPS50301-HT_16 Datasheet HTML 4Page - Texas Instruments TPS50301-HT_16 Datasheet HTML 5Page - Texas Instruments TPS50301-HT_16 Datasheet HTML 6Page - Texas Instruments TPS50301-HT_16 Datasheet HTML 7Page - Texas Instruments TPS50301-HT_16 Datasheet HTML 8Page - Texas Instruments TPS50301-HT_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Thermal Pad
(Bottom Side)
21
GND
EN
RT
SYNC
VIN
PVIN
PVIN
PGND
PGND
PGND
PH
PH
PH
PH
PH
BOOT
VSENSE
COMP
SS/TR
PWRGD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TPS50301-HT
SLVSA94I – DECEMBER 2012 – REVISED JANUARY 2016
www.ti.com
5 Description (continued)
The output voltage startup ramp is controlled by the SS/TR pin which allows operation as either a stand alone
power supply or in tracking situations. Power sequencing is also possible by correctly configuring the enable and
the open drain power good pins.
Cycle-by-cycle current limiting on the high-side FET protects the device in overload situations and is enhanced
by a low-side sourcing current limit which prevents current runaway. There is also a low-side sinking current limit
which turns off the low-side MOSFET to prevent excessive reverse current. Thermal shutdown disables the part
when die temperature exceeds thermal shutdown temperature.
6 Pin Configuration and Functions
HKH Package
20-Pin CFP
Bottom View
Pin Functions
PIN
DESCRIPTION
NO.
NAME
1
GND
Return for control circuitry/thermal pad(1)
EN pin has an internal pullup thus EN pin can be floated to enable the device. As an option external pullup can also
2
EN
be added if desired. Adjust the input undervoltage lockout (UVLO) with two resistors.
3
RT
In internal oscillation mode, a resistor is connected between the RT pin and GND to set the switching frequency.
4
SYNC
Optional 1-MHz external system clock input. The device operates with an internal oscillator if this pin is left open.
5
VIN
Supplies the power to the output FET controllers
6
PVIN
Power input. Supplies the power switches of the power converter
7
8
9
PGND
Return for low-side power MOSFET
10
(1)
Thermal pad (analog ground) must be connected to PGND external to the package.
4
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: TPS50301-HT


Similar Part No. - TPS50301-HT_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS50301-HT TI-TPS50301-HT_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS50x01-xx 1.6- to 6.3-V Input, 3-A/6-A Synchronous Step-Down SWIFT??Converter
More results

Similar Description - TPS50301-HT_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
[Old version datasheet]   15-A Synchronous Step-Down SWIFT Converter
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS50301-HT TI-TPS50301-HT_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS50x01-xx 1.6- to 6.3-V Input, 3-A/6-A Synchronous Step-Down SWIFT??Converter
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430-Q1 TI-TPS5430-Q1 Datasheet
982Kb / 27P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT CONVERTER
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com