Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS50601-DIE Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS50601-DIE
Description  6-A Synchronous Step Down SWIFT Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS50601-DIE Datasheet(HTML) 4 Page - Texas Instruments

  TPS50601-DIE Datasheet HTML 1Page - Texas Instruments TPS50601-DIE Datasheet HTML 2Page - Texas Instruments TPS50601-DIE Datasheet HTML 3Page - Texas Instruments TPS50601-DIE Datasheet HTML 4Page - Texas Instruments TPS50601-DIE Datasheet HTML 5Page - Texas Instruments TPS50601-DIE Datasheet HTML 6Page - Texas Instruments TPS50601-DIE Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPS50601-DIE
SLVSC37B – JUNE 2013 – REVISED JANUARY 2016
www.ti.com
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (June 2014) to Revision B
Page
Changed the backside potential to "Ground" ........................................................................................................................ 2
Changes from Original (June 2013) to Revision A
Page
Changed Bond Pad Coordinates in Microns table ................................................................................................................. 3
4
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Product Folder Links: TPS50601-DIE


Similar Part No. - TPS50601-DIE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS50601-DIE TI-TPS50601-DIE Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601-DIE TI-TPS50601-DIE Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601-DIE TI-TPS50601-DIE_15 Datasheet
184Kb / 7P
[Old version datasheet]   TPS50601-DIE 1.6-V TO 6.3-V Input, 6-A Synchronous Step Down SWIFT??Converter
More results

Similar Description - TPS50601-DIE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS50301-HT TI1-TPS50301-HT_16 Datasheet
1Mb / 41P
[Old version datasheet]   Input, 3-A/6-A Synchronous Step-Down SWIFT Converter
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
[Old version datasheet]   15-A Synchronous Step-Down SWIFT Converter
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS50601VTDC1 TI-TPS50601VTDC1 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS549A20 TI1-TPS549A20 Datasheet
1Mb / 47P
[Old version datasheet]   15A Synchronous Step-Down SWIFT Converter With PMBus
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com