Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61040QDBVRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61040QDBVRQ1
Description  Low-Power DC-DC Boost Converter in SOT-23 Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61040QDBVRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61040QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS61040QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS61040QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS61040QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS61040QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS61040QDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS61040QDBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS61040QDBVRQ1 Datasheet HTML 12Page - Texas Instruments TPS61040QDBVRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
I
peak(typ)
I
LIM
V
IN
L
100 ns
I
peak(typ)
400 mA
V
IN
L
100 ns for the TPS61040-Q1
I
peak(typ)
250 mA
V
IN
L
100 ns for the TPS61041-Q1
=
=
=
+
+
+
×
×
×
+
+
-
RS Latch
Logic
S
R
Gate
Driver
_
Current Limit
Power MOSFET
N-Channel
RSENSE
Soft
Start
6
µs Max
On Time
VREF = 1.233 V
Error Comparator
400 ns Min
Off Time
Under Voltage
Lockout
Bias Supply
VIN
FB
EN
GND
SW
9
TPS61040-Q1, TPS61041-Q1
www.ti.com
SGLS276D – JANUARY 2005 – REVISED MARCH 2016
Product Folder Links: TPS61040-Q1 TPS61041-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS6104x-Q1 is a high-frequency boost converter dedicated for small-to-medium LCD bias supply and
white-LED backlight supplies. The device is ideal for generating output voltages up to 28 V from a dual-cell
NiMH/NiCd or a single-cell device Li-Ion battery.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Peak Current Control
The internal switch turns on until the inductor current reaches the typical DC current limit (ILIM) of 400 mA
(TPS61040-Q1) or 250 mA (TPS61041-Q1). Due to the internal propagation delay of typical 100 ns, the actual
current exceeds the DC-current limit threshold by a small amount. The typical peak current limit can be
calculated:
where
VIN= Input voltage
L= Selected inductor value
ILIM = Typical DC current limit
(1)
The higher the input voltage and the lower the inductor value, the greater the peak.


Similar Part No. - TPS61040QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040QDBVRQ1 TI-TPS61040QDBVRQ1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040QDBVRQ1 TI-TPS61040QDBVRQ1 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
More results

Similar Description - TPS61040QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI-TPS61040-Q1_V01 Datasheet
707Kb / 28P
[Old version datasheet]   TPS6104x-Q1 Low-Power DC-DC Boost Converter in SOT-23 Package
REVISED MARCH 2016
TPS61040 TI-TPS61040_07 Datasheet
527Kb / 22P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
logo
Sipex Corporation
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com