Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71750QDSERQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71750QDSERQ1
Description  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71750QDSERQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS71750QDSERQ1 Datasheet HTML 7Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 8Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 9Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 10Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 11Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 12Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 13Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 14Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
16
14
12
10
8
6
4
2
0
100
10k
100k
Frequency (Hz)
1k
C
= 10 F
m
OUT
C
= 1 F
m
OUT
I
= 10 mA
C
= 10 nF
OUT
NR
30
25
20
15
10
5
0
100
10k
100k
Frequency (Hz)
1k
C
= 0 nF
NR
C
= 1 nF
NR
C
= 10 nF
NR
C
= 100 nF
NR
I
= 10 mA
C
= 1 F
OUT
OUT
m
80
70
60
50
40
30
20
10
0
0
2.5
4
V
V
(V)
-
IN
OUT
1
1.5
2
0.5
3
3.5
100 kHz
I
= 150 mA
C
= 1 F
C
= 10 nF
OUT
OUT
NR
m
1 kHz
1 MHz
10 kHz
16
14
12
10
8
6
4
2
0
100
10k
100k
Frequency (Hz)
1k
I
= 150 mA
OUT
I
= 10 mA
OUT
C
= 1 F
C
= 10 nF
m
OUT
NR
80
70
60
50
40
30
20
10
0
0
2.5
4
V
V
(V)
-
IN
OUT
1
1.5
2
0.5
3
3.5
1 MHz
10 kHz
1 kHz
100 kHz
I
= 10 mA
C
= 1 F
C
= 10 nF
OUT
OUT
NR
m
80
70
60
50
40
30
20
10
0
0
2.5
4
V
V
(V)
-
IN
OUT
1
1.5
2
0.5
3
3.5
1 MHz
10 kHz
1 kHz
100 kHz
I
= 75 mA
C
= 1 F
C
= 10 nF
OUT
OUT
NR
m
11
TPS717-Q1
www.ti.com
SLVSBM4C – SEPTEMBER 2012 – REVISED JANUARY 2016
Product Folder Links: TPS717-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Over operating temperature range (TJ, TA = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.5 V, whichever is greater; IOUT =
0.5 mA, VEN = VIN, COUT = 1 μF, CNR = 0.01 μF, unless otherwise noted. For the adjustable version (TPS71701-Q1), VOUT =
2.8 V. Typical values are at TA = 25°C.
Figure 19. Power-Supply Ripple Rejection vs (VIN – VOUT)
Figure 20. Power-Supply Ripple Rejection vs (VIN – VOUT)
Figure 21. Power-Supply Ripple Rejection vs (VIN – VOUT)
Figure 22. Output Spectral Noise Density vs
Output Current
Figure 23. Output Spectral Noise Density vs
Output Capacitance
Figure 24. Output Spectral Noise Density vs
Noise Reduction


Similar Part No. - TPS71750QDSERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71750QDSERQ1 TI1-TPS71750QDSERQ1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results

Similar Description - TPS71750QDSERQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com