Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6122EB Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6122EB
Description  Evaluation Board Manual
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122EB Datasheet(HTML) 3 Page - Sipex Corporation

  SP6122EB Datasheet HTML 1Page - Sipex Corporation SP6122EB Datasheet HTML 2Page - Sipex Corporation SP6122EB Datasheet HTML 3Page - Sipex Corporation SP6122EB Datasheet HTML 4Page - Sipex Corporation SP6122EB Datasheet HTML 5Page - Sipex Corporation SP6122EB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev. 5/23/01
SP6122 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
3
SP612 Evaluation Board Divider Resistors: The values of R1 and R2 are selected
to program 1.9V output, with 1.5V trim voltage Vb, and R1 = 500ohm:
i3 = (Vout-Vb)/R1=(1.9-1.5)/500 = 800uA.
The external voltage divider will add only 800uA to the load. Divider Resistor R2 is:
R2 = Vb/(i3-i1)=1.5/(800uA-20uA) = 1.9K
The user of the SP6122 Evaluation Board can use the above equations for i3 and R2 to
modify R2 and change the output voltage to be any voltage from Vb (1.5V) to as high as
the input voltage. And if you want the output voltage to be the preset voltage Vb (1.5V),
just short a wire across R1.
Figure 1. Schematic: Output Voltage Divider Resistors
POWER SUPPLY DATA
The SP6122 is engineered for size and minimum pin count, yet has a very accurate
1.5% reference over line, load and temperature. Figure 2 data shows a typical SP6122
Evaluation Board Efficiency plot, with efficiencies to 88% and output currents to 4A.
Load Regulation plot in Figure 3 shows an essentially flat response of only 3mV change
for up to 4A load. Figure 4 Line Regulation illustrates a 1.90V output that varies only
4mV or 0.2% for an input voltage change from 3.3V to 5.5V. While data on individual
power supply boards may vary, the capability of the SP6122 of achieving high accuracy
over load and line shown here is quite impressive and desirable for accurate power
supply design.
Vout
Rin1
Rin2
62.5K
R1
500
R2
+
-
Error
Amplifier
+
-
1.25
SP6122
i1
i3
i2
Va
Vb Pin3
1.9K


Similar Part No. - SP6122EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6122 SIPEX-SP6122 Datasheet
131Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122 SIPEX-SP6122 Datasheet
161Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU SIPEX-SP6122ACU Datasheet
131Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU SIPEX-SP6122ACU Datasheet
161Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU-1.5 SIPEX-SP6122ACU-1.5 Datasheet
131Kb / 19P
   Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
More results

Similar Description - SP6122EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com