Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POW-2440 Datasheet(PDF) 4 Page - Level One

Part # POW-2440
Description  5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Multi-Mode Fiber, 2km, 126W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

POW-2440 Datasheet(HTML) 4 Page - Level One

  POW-2440 Datasheet HTML 1Page - Level One POW-2440 Datasheet HTML 2Page - Level One POW-2440 Datasheet HTML 3Page - Level One POW-2440 Datasheet HTML 4Page - Level One POW-2440 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optional Accessory
POW-2410
Industrial Power Supply, 24VDC, 30W, DIN-Rail
POW-2420
Industrial Power Supply, 60W, 24VDC, DIN-Rail
POW-2430
Industrial Power Supply, 24VDC, 75W, DIN-Rail
POW-2440
Industrial Power Supply, 120W, 24VDC, DIN-Rail
POW-4801
48V DC Power Adapter
POW-4810
Industrial Power Supply, 48VDC, 40W, DIN-Rail, PoE Ready
POW-4830
Industrial Power Supply, 48VDC, 85W, DIN-Rail, PoE Ready
POW-4840
Industrial Power Supply, 120W, 48VDC, DIN-Rail, PoE Ready
www.level1.com
Page 4 of 5


Similar Part No. - POW-2440

ManufacturerPart #DatasheetDescription
logo
Level One
POW-2440 LVL1-POW-2440 Datasheet
311Kb / 1P
   120W 24VDC Industrial Power Supply, DIN-rail -10 to 60C
POW-2440 LVL1-POW-2440 Datasheet
904Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 126W
POW-2440 LVL1-POW-2440 Datasheet
906Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Single-Mode Fiber, 30km, 126W
POW-2440 LVL1-POW-2440 Datasheet
903Kb / 5P
   5-Port Industrial Fast Ethernet Switch
More results

Similar Description - POW-2440

ManufacturerPart #DatasheetDescription
logo
Level One
IFP-0504 LVL1-IFP-0504 Datasheet
894Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x ST Multi-Mode Fiber, 2km, 126W
IFP-0503 LVL1-IFP-0503 Datasheet
906Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Single-Mode Fiber, 30km, 126W
IFP-0501 LVL1-IFP-0501 Datasheet
904Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 126W
FEP-0511 LVL1-FEP-0511 Datasheet
303Kb / 3P
   5-Port Fast Ethernet PoE Switch, 65W, 802.3at PoEplus, 4 PoE Outputs
IFS-0502 LVL1-IFS-0502 Datasheet
905Kb / 5P
   5-Port Industrial Fast Ethernet Switch, 1 x SC Multi-Mode Fiber, 2km
GEP-0522 LVL1-GEP-0522 Datasheet
195Kb / 3P
   5-Port Gigabit PoE Switch, 65W, 802.3at PoEplus, 4 PoE Outputs
FEP-1611 LVL1-FEP-1611_16 Datasheet
357Kb / 3P
   16-Port Fast Ethernet PoE Switch, 240W, 802.3at PoEplus
GEP-0812 LVL1-GEP-0812 Datasheet
418Kb / 3P
   8-Port Gigabit PoE Switch, 61.6W, 802.3at PoEplus, 4 PoE Outputs
IFS-0504 LVL1-IFS-0504 Datasheet
893Kb / 5P
   5-Port Industrial Fast Ethernet Switch, 1 x ST Multi-Mode Fiber, 2km
IES-0610 LVL1-IES-0610 Datasheet
1Mb / 4P
   6-Port Industrial Gigabit PoE Switch, 802.3at PoEplus, 4 PoE Outputs, 1 x SFP, 1 x SFP/RJ45 Combo, -40C to 75C, DIN-Rail
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com