Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POW-4810 Datasheet(PDF) 2 Page - Level One

Part # POW-4810
Description  5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Multi-Mode Fiber, 2km, 126W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

POW-4810 Datasheet(HTML) 2 Page - Level One

  POW-4810 Datasheet HTML 1Page - Level One POW-4810 Datasheet HTML 2Page - Level One POW-4810 Datasheet HTML 3Page - Level One POW-4810 Datasheet HTML 4Page - Level One POW-4810 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Connectors and Cabling:
4 x 10/100M TX PSE
1 x 10/100M SC MM 2km
1 x Terminal block
Indicator:
PW1 (Power 1) : Green / PW2 (Power 2) : Green / SW( Relay) : Amber
LNK (RJ45) : Green / POE link : Amber
SFP : Green (Link / Active)
Transmission Method:
Store-and-Forward
Power:
Dual DC 9V-56V Power Inputs provide power redundancy
9-56VDC Input : switch without PoE
44-56VDC Input: switch with PoE
Alarm Relay Output 1A @ 24VDC
Features
PoE:
Input Voltage 44VDC-56VDC.
POE power per port 30watts. Maximum 36Watts with 56VDC input.
Maximum total power 126Watts with 56VDC input
Performance
Backplane (Gbps):
1G
MAC Address Table:
1K
Data Transfer Rate:
10/100Mbps
Packet Forwarding Rate:
100Mbps port - 148,000pps
10Mbps port - 14,880pps
Environment
Temperature (°C):
Operating: - 40°C ~ 75°C
Storage: - 40°C ~ 85°C
Humidity (Non-condensing):
Storage: 5% ~ 95%
Operating: 5% ~ 95%
Deployment:
Desk, din rail, wall mount
Physical Specifications
Dimensions (W x D x H mm):
36.2 x 105 x 142 mm
Weight (g):
460 g
Reliability
www.level1.com
Page 2 of 5


Similar Part No. - POW-4810

ManufacturerPart #DatasheetDescription
logo
Level One
POW-4810 LVL1-POW-4810 Datasheet
316Kb / 1P
   40W 48VDC Industrial Power Supply, PoE Ready DIN-rail -10 to 60C
POW-4810 LVL1-POW-4810 Datasheet
904Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 126W
POW-4810 LVL1-POW-4810 Datasheet
906Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Single-Mode Fiber, 30km, 126W
POW-4810 LVL1-POW-4810 Datasheet
903Kb / 5P
   5-Port Industrial Fast Ethernet Switch
More results

Similar Description - POW-4810

ManufacturerPart #DatasheetDescription
logo
Level One
IFP-0504 LVL1-IFP-0504 Datasheet
894Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x ST Multi-Mode Fiber, 2km, 126W
IFP-0503 LVL1-IFP-0503 Datasheet
906Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 1 x SC Single-Mode Fiber, 30km, 126W
IFP-0501 LVL1-IFP-0501 Datasheet
904Kb / 5P
   5-Port Industrial Fast Ethernet PoE Switch, 4 PoE Outputs, 802.3at PoEplus, 126W
FEP-0511 LVL1-FEP-0511 Datasheet
303Kb / 3P
   5-Port Fast Ethernet PoE Switch, 65W, 802.3at PoEplus, 4 PoE Outputs
IFS-0502 LVL1-IFS-0502 Datasheet
905Kb / 5P
   5-Port Industrial Fast Ethernet Switch, 1 x SC Multi-Mode Fiber, 2km
GEP-0522 LVL1-GEP-0522 Datasheet
195Kb / 3P
   5-Port Gigabit PoE Switch, 65W, 802.3at PoEplus, 4 PoE Outputs
FEP-1611 LVL1-FEP-1611_16 Datasheet
357Kb / 3P
   16-Port Fast Ethernet PoE Switch, 240W, 802.3at PoEplus
GEP-0812 LVL1-GEP-0812 Datasheet
418Kb / 3P
   8-Port Gigabit PoE Switch, 61.6W, 802.3at PoEplus, 4 PoE Outputs
IFS-0504 LVL1-IFS-0504 Datasheet
893Kb / 5P
   5-Port Industrial Fast Ethernet Switch, 1 x ST Multi-Mode Fiber, 2km
IES-0610 LVL1-IES-0610 Datasheet
1Mb / 4P
   6-Port Industrial Gigabit PoE Switch, 802.3at PoEplus, 4 PoE Outputs, 1 x SFP, 1 x SFP/RJ45 Combo, -40C to 75C, DIN-Rail
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com