Electronic Components Datasheet Search |
|
TPS71725DCKR Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TPS71725DCKR Datasheet(HTML) 8 Page - Texas Instruments |
8 / 43 page -40 65 125 T ( C) J ° 5 35 -25 -10 20 50 80 95 110 5 4 3 2 1 0 V = 6.5 V IN V = 4.5 V IN V = 3.3 V IN V = 0.4 V EN 600 500 400 300 200 2.5 5.5 6.5 V (V) IN 3.5 4.5 T = 125 C A ° T = 85 C A ° T = 25 C A ° T = 40 C - A ° 150 120 90 60 30 0 0 100 150 I (mA) OUT 50 -40 65 125 T ( C) J ° 5 35 -25 -10 20 50 80 95 110 150 120 90 60 30 0 I = 150 mA OUT I = 100 A m OUT 300 250 200 150 100 50 0 -40 65 125 T ( C) J ° 5 35 -25 -10 20 50 80 95 110 I = 10 mA OUT I = 150 mA OUT 150 120 90 60 30 0 2.5 5.5 6.5 V (V) IN 3.5 4.5 I = 150 mA OUT I = 100 mA OUT V = 2.8 V OUT 8 TPS717 SBVS068I – FEBRUARY 2006 – REVISED JANUARY 2016 www.ti.com Product Folder Links: TPS717 Submit Documentation Feedback Copyright © 2006–2016, Texas Instruments Incorporated Typical Characteristics (continued) Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.5 V, whichever is greater; IOUT = 0.5 mA, VEN = VIN, COUT = 1 μF, CNR = 0.01 μF, unless otherwise noted. For the adjustable version (TPS71701,) VOUT = 2.8 V. Typical values are at TA = 25°C. Figure 7. Dropout Voltage vs Temperature Figure 8. Ground Pin Current vs Input Voltage Figure 9. Ground Pin Current vs Output Current Figure 10. Ground Pin Current vs Temperature (Enabled) Figure 11. Ground Pin Current vs Temperature (Disabled) Figure 12. Current Limit vs Input Voltage |
Similar Part No. - TPS71725DCKR |
|
Similar Description - TPS71725DCKR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |