Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71728DCKTG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS71728DCKTG4
Description  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71728DCKTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS71728DCKTG4 Datasheet HTML 4Page - Texas Instruments TPS71728DCKTG4 Datasheet HTML 5Page - Texas Instruments TPS71728DCKTG4 Datasheet HTML 6Page - Texas Instruments TPS71728DCKTG4 Datasheet HTML 7Page - Texas Instruments TPS71728DCKTG4 Datasheet HTML 8Page - Texas Instruments TPS71728DCKTG4 Datasheet HTML 9Page - Texas Instruments TPS71728DCKTG4 Datasheet HTML 10Page - Texas Instruments TPS71728DCKTG4 Datasheet HTML 11Page - Texas Instruments TPS71728DCKTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
-40
65
125
T ( C)
J °
5
35
-25 -10
20
50
80
95
110
5
4
3
2
1
0
V
= 6.5 V
IN
V
= 4.5 V
IN
V
= 3.3 V
IN
V
= 0.4 V
EN
600
500
400
300
200
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = 40 C
-
A
°
150
120
90
60
30
0
0
100
150
I
(mA)
OUT
50
-40
65
125
T ( C)
J °
5
35
-25 -10
20
50
80
95
110
150
120
90
60
30
0
I
= 150 mA
OUT
I
= 100 A
m
OUT
300
250
200
150
100
50
0
-40
65
125
T ( C)
J °
5
35
-25 -10
20
50
80
95
110
I
= 10 mA
OUT
I
= 150 mA
OUT
150
120
90
60
30
0
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
I
= 150 mA
OUT
I
= 100 mA
OUT
V
= 2.8 V
OUT
8
TPS717
SBVS068I – FEBRUARY 2006 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TPS717
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.5 V, whichever is greater; IOUT =
0.5 mA, VEN = VIN, COUT = 1 μF, CNR = 0.01 μF, unless otherwise noted. For the adjustable version (TPS71701,) VOUT = 2.8 V.
Typical values are at TA = 25°C.
Figure 7. Dropout Voltage vs Temperature
Figure 8. Ground Pin Current vs Input Voltage
Figure 9. Ground Pin Current vs Output Current
Figure 10. Ground Pin Current vs Temperature (Enabled)
Figure 11. Ground Pin Current vs Temperature (Disabled)
Figure 12. Current Limit vs Input Voltage


Similar Part No. - TPS71728DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71728DCKTG4 TI-TPS71728DCKTG4 Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DCKTG4 TI-TPS71728DCKTG4 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DCKTG4 TI-TPS71728DCKTG4 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DCKTG4 TI-TPS71728DCKTG4 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DCKTG4 TI-TPS71728DCKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71728DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com