Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE85N1014 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE85N1014
Description  SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 3.7 GHz to 4.2 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE85N1014 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE85N1014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE85N1014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE85N1014 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE85N1014 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE85N1014 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Weight
0.2 lbs [90.72 g]
.
Package Type
Connectorized Module
Connectors
DC Connector
BNC Female
Output Connector
SMA Female
Environmental Specifications
Temperature
Operating Range
-20 to +75 deg C
Environment
Humidity
MIL-STD-202F, Method 103, Cond B (96 hrs@95%
R.H.)
Shock
MIL-STD-202F, Method 213, Cond B (100g, 6 msec)
Vibration
MIL-STD-202F,Method 204,Cond B(0.6” 2x ampl or15g)
Altitude
MIL-STD-202F, Method 105, Condition B (50,000 ft)
Temperature Cycle
MIL-STD-202F, Method 105C, Condition D (5 cycles)
Thermal Shock
MIL-STD-202F, Method 107, Conditon A (5 cycles)
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PE85N1014 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, +28 VDC,
3.7 GHz to 4.2 GHz PE85N1014
Noise Generators Technical Data Sheet
PE85N1014
SMA Calibrated, Integral Isolator Noise Source Module,
Output ENR of 30 dB, +28 VDC, 3.7 GHz to 4.2 GHz


Similar Part No. - PE85N1014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1010 PASTERNACK-PE85N1010 Datasheet
693Kb / 4P
   SMA Amplified Noise Source Module, Output Pout of 10 dBm, 15 VDC, 0.1 MHz to 500 MHz
PE85N1011 PASTERNACK-PE85N1011 Datasheet
697Kb / 4P
   SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 2 GHz
PE85N1012 PASTERNACK-PE85N1012 Datasheet
698Kb / 4P
   SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 3 GHz
PE85N1013 PASTERNACK-PE85N1013 Datasheet
392Kb / 4P
   SMA Amplified Noise Source Module, Output Pout of -14 dBm, 15 VDC, 10 MHz to 6 GHz
PE85N1015 PASTERNACK-PE85N1015 Datasheet
732Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 7.2 GHz to 8.4 GHz
More results

Similar Description - PE85N1014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE85N1015 PASTERNACK-PE85N1015 Datasheet
732Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 7.2 GHz to 8.4 GHz
PE85N1016 PASTERNACK-PE85N1016 Datasheet
408Kb / 5P
   SMA Calibrated, Integral Isolator Noise Source Module, Output ENR of 30 dB, 28 VDC, 10.7 GHz to 12.7 GHz
PE85N1004 PASTERNACK-PE85N1004 Datasheet
723Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 1 GHz to 18 GHz
PE85N1001 PASTERNACK-PE85N1001 Datasheet
731Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 30 dB, 28 VDC, 0.01 MHz to 2 GHz
PE85N1005 PASTERNACK-PE85N1005 Datasheet
721Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 23 dB, 28 VDC, 1 GHz to 18 GHz
PE85N1000 PASTERNACK-PE85N1000 Datasheet
729Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 0.01 MHz to 2 GHz
PE85N1002 PASTERNACK-PE85N1002 Datasheet
732Kb / 5P
   SMA Calibrated Noise Source Module, Output ENR of 15 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1003 PASTERNACK-PE85N1003_16 Datasheet
738Kb / 6P
   SMA Calibrated Noise Source Module, Output ENR of 26 dB, 28 VDC, 10 MHz to 6 GHz
PE85N1006 PASTERNACK-PE85N1006_16 Datasheet
717Kb / 7P
   SMA Precision Calibrated Noise Source Module, Output ENR of 14 dB, 28 VDC, 10 MHz to 18 GHz, Calibration Standard
PE85N1007 PASTERNACK-PE85N1007_16 Datasheet
719Kb / 7P
   3.5mm Precision Calibrated Noise Source Module, Output ENR of 13 dB, 28 VDC, 10 MHz to 26 GHz, Calibration Standard
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com