Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS465G Datasheet(PDF) 4 Page - Vectron International, Inc

Part # TFS465G
Description  VI TELEFILTER Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS465G Datasheet(HTML) 4 Page - Vectron International, Inc

  TFS465G Datasheet HTML 1Page - Vectron International, Inc TFS465G Datasheet HTML 2Page - Vectron International, Inc TFS465G Datasheet HTML 3Page - Vectron International, Inc TFS465G Datasheet HTML 4Page - Vectron International, Inc TFS465G Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Filename: tfs 465g.doc
Version 1.3
18.10.2007
VI TELEFILTER
Filter specification
TFS 465G
4/5
Tele Filter GmbH
Potsdamer Straße 18
D-14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
Air reflow temperature conditions
Conditions
Exposure
Average ramp-up rate (30°C to 217°C)
less than 3°C/second
> 100°C
between 300 and 600 seconds
> 150°C
between 240 and 500 seconds
> 217°C
between 30 and 150 seconds
Peak temperature
max. 260°C
Time within 5°C of actual peak temperature
between 10 and 30 seconds
Cool-down rate (Peak to 50°C)
less than 6°C/second
Time from 30°C to Peak temperature
no greater than 300 seconds
Chip-mount air reflow profile
Temperature / °C
max. 260°C
217°C
Time / s
max. 300 s
10 ... 30 s
30 ... 150 s
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS465G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS465 VECTRON-TFS465 Datasheet
70Kb / 5P
   Preliminary specification
TFS465A VECTRON-TFS465A Datasheet
73Kb / 5P
   Filter specification
TFS465A1 VECTRON-TFS465A1 Datasheet
173Kb / 5P
   Filter specification
TFS465B VECTRON-TFS465B Datasheet
68Kb / 5P
   Filter specification
TFS465C VECTRON-TFS465C Datasheet
233Kb / 5P
   Filter specification
More results

Similar Description - TFS465G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1900 VECTRON-TFS1900 Datasheet
178Kb / 5P
   VI TELEFILTER Filter specification
TFS2067A VECTRON-TFS2067A Datasheet
99Kb / 5P
   VI TELEFILTER Filter specification
TFS2100 VECTRON-TFS2100 Datasheet
125Kb / 5P
   VI TELEFILTER Filter specification
TFS192B VECTRON-TFS192B Datasheet
193Kb / 5P
   VI TELEFILTER Filter specification
TFS192H VECTRON-TFS192H Datasheet
142Kb / 5P
   VI TELEFILTER Filter specification
TFS456AF VECTRON-TFS456AF Datasheet
208Kb / 5P
   VI TELEFILTER Filter specification
TFS1080D VECTRON-TFS1080D Datasheet
85Kb / 5P
   VI TELEFILTER Filter specification
TFS1176A VECTRON-TFS1176A Datasheet
170Kb / 5P
   VI TELEFILTER Filter specification
TFS480B VECTRON-TFS480B Datasheet
147Kb / 5P
   VI TELEFILTER Filter specification
TFS190U VECTRON-TFS190U Datasheet
119Kb / 5P
   VI TELEFILTER Filter specification
TFS1068A VECTRON-TFS1068A Datasheet
183Kb / 5P
   VI TELEFILTER Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com