Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-011246-TR0500 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-011246-TR0500
Description  Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011246-TR0500 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAP-011246-TR0500 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-011246-TR0500 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-011246-TR0500 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-011246-TR0500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-011246-TR0500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-011246-TR0500 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-011246-TR0500 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-011246-TR0500 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-011246-TR0500 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Power Amplifier, 2 W
27.5 - 31.5 GHz
Rev. V1
MAAP-011246
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Ordering Information1,2
Part Number
Package
MAAP-011246-TR0500
500 Piece Reel
MAAP-011246-1SMB
Sample Board
Functional Schematic
Pin Configuration3
Pin No.
Function
Pin No.
Function
1
Ground
20
Ground
2
No Connection
21
RF Output
3
Ground
22
Ground
4
RF Input
23
No Connection
5 - 7
No Connection
24, 25
Ground
8, 9
Ground
26
Drain Voltage 4
10
Gate Voltage
27, 28
Drain Voltage 3
11
Gate Voltage
29
Drain Voltage 2
12 - 14
No Connection
30
No Connection
15
Drain Voltage 4
31
Drain Voltage 1
16, 17
Ground
32
Ground
18, 19
No Connection
Paddle4
Ground
*Restrictions on Hazardous Substances,
European Union Directive 2011/65/EU.
3. MACOM recommends connecting all No Connection (N/C)
pins to ground.
4. The exposed pad centered on the package bottom must be
connected to RF, DC and thermal ground.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 3 loose parts.
RFIN
RFOUT
11
1
2
3
4
5
6
10
13
12
15
14
23
22
21
20
19
18
30
31
28
29
26
27
7
8
9
16
17
24
25
32
GND
N/C
GND
GND
N/C
N/C
N/C
N/C
GND
N/C
N/C
GND
GND
GND
Features
 High Gain: 23 dB
 P1dB: 30 dBm
 PSAT: 33 dBm
 IM3 Level: -22 dBc @ POUT 27 dBm/tone
 Power Added Efficiency: 24% at PSAT
 Lead-Free 5 mm AQFN 32-lead Package
 RoHS* Compliant
Description
The MAAP-011246 is a 2 Watt, 4-stage power
amplifier assembled in a lead-free 5 mm 32-lead
AQFN plastic package. This power amplifier
operates from 27.5 to 31.5 GHz and provides 23 dB
of linear gain, 2 W saturated output power and 24%
efficiency while biased at 6 V.
The MAAP-011246 can be used as a power
amplifier stage or as a driver stage in higher power
applications. This device is ideally suited for VSAT
and 28 GHz PTP applications.
This product is fabricated using a GaAs pHEMT
process which features full passivation for enhanced
reliability.


Similar Part No. - MAAP-011246-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011247 MA-COM-MAAP-011247 Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
MAAP-011247-000PPR MA-COM-MAAP-011247-000PPR Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
MAAP-011247-DIE MA-COM-MAAP-011247-DIE Datasheet
1Mb / 9P
   Power Amplifier, 2 W
MAAP-011247-EV1PPR MA-COM-MAAP-011247-EV1PPR Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
MAAP-011248 MA-COM-MAAP-011248 Datasheet
869Kb / 9P
   Lead-Free 5 mm 32-lead AQFN Package
More results

Similar Description - MAAP-011246-TR0500

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com