Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-011246-1SMB Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-011246-1SMB
Description  Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011246-1SMB Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAP-011246-1SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-011246-1SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-011246-1SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-011246-1SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-011246-1SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-011246-1SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-011246-1SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-011246-1SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAP-011246-1SMB Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Power Amplifier, 2 W
27.5 - 31.5 GHz
Rev. V1
MAAP-011246
9
9
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
9
Lead-Free 5 mm AQFN 32-Lead
Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 3 requirements.
Plating is NiPdAu.
All Dimensions shown as inches [mm]


Similar Part No. - MAAP-011246-1SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011247 MA-COM-MAAP-011247 Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
MAAP-011247-000PPR MA-COM-MAAP-011247-000PPR Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
MAAP-011247-DIE MA-COM-MAAP-011247-DIE Datasheet
1Mb / 9P
   Power Amplifier, 2 W
MAAP-011247-EV1PPR MA-COM-MAAP-011247-EV1PPR Datasheet
856Kb / 8P
   Lead-Free 5 mm 32-lead AQFN Package
MAAP-011248 MA-COM-MAAP-011248 Datasheet
869Kb / 9P
   Lead-Free 5 mm 32-lead AQFN Package
More results

Similar Description - MAAP-011246-1SMB

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
logo
TOKO, Inc
TK10417 TOKO-TK10417 Datasheet
63Kb / 8P
   POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com