Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE12A-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # 1.5KE12A-HF
Description  1500W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1.5KE12A-HF Datasheet(HTML) 3 Page - Comchip Technology

  1.5KE12A-HF Datasheet HTML 1Page - Comchip Technology 1.5KE12A-HF Datasheet HTML 2Page - Comchip Technology 1.5KE12A-HF Datasheet HTML 3Page - Comchip Technology 1.5KE12A-HF Datasheet HTML 4Page - Comchip Technology 1.5KE12A-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1500W Transient Voltage Suppressor
QW-JTV06
Page 3
REV:C
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Electrical Characteristics (1.5KE6.8-HF Thru. 1.5KE600-HF)
UNI
BI
Maximum
Surge
IPP (A)
Maximum
Clamping
Voltage
VC (V)
Marking Code
Part No.
Reverse
Leakage
IR (uA)
Peak
Voltage
VRWM (V)
(V)
(V)
(mA)
Breakdown voltage
Maximum
@VRWM
Working
Reverse
Current
Reverse
@IPP
VBR @ IT
Min.
IT
Max.
1.5KE6.8(C)A-HF
1.5KE7.5(C)A-HF
1.5KE8.2(C)A-HF
1.5KE9.1(C)A-HF
1.5KE10(C)A-HF
1.5KE11(C)A-HF
1.5KE12(C)A-HF
1.5KE13(C)A-HF
1.5KE15(C)A-HF
1.5KE16(C)A-HF
1.5KE18(C)A-HF
1.5KE20(C)A-HF
1.5KE22(C)A-HF
1.5KE24(C)A-HF
1.5KE27(C)A-HF
1.5KE30(C)A-HF
6.46
7.14
10
5.8
1000
142.86
10.5
1.5KE6.8A
1.5KE6.8CA
7.13
7.88
10
6.4
500
132.74
11.3
1.5KE7.5A
1.5KE7.5CA
7.79
8.61
10
7.0
200
123.97
12.1
1.5KE8.2A
1.5KE8.2CA
8.65
9.56
1.0
7.8
50
111.94
13.4
1.5KE9.1A
1.5KE9.1CA
9.50
10.50
1.0
8.6
10
103.45
14.5
1.5KE10A
1.5KE10CA
10.45
11.55
1.0
9.4
5.0
96.15
15.6
1.5KE11A
1.5KE11CA
11.40
12.60
1.0
10.2
5.0
89.82
16.7
1.5KE12A
1.5KE12CA
12.35
13.65
1.0
11.1
1.0
82.42
18.2
1.5KE13A
1.5KE13CA
14.25
15.75
1.0
12.8
1.0
70.75
21.2
1.5KE15A
1.5KE15CA
15.20
16.80
1.0
13.6
1.0
66.67
22.5
1.5KE16A
1.5KE16CA
17.10
18.90
1.0
15.3
1.0
59.52
25.2
1.5KE18A
1.5KE18CA
19.00
21.00
1.0
17.1
1.0
54.15
27.7
1.5KE20A
1.5KE20CA
20.90
23.10
1.0
18.8
1.0
49.02
30.6
1.5KE22A
1.5KE22CA
22.80
25.20
1.0
20.5
1.0
45.18
33.2
1.5KE24A
1.5KE24CA
25.65
28.35
1.0
23.1
1.0
40.00
37.5
1.5KE27A
1.5KE27CA
28.50
31.50
1.0
25.6
1.0
36.23
41.4
1.5KE30A
1.5KE30CA
1.5KE33(C)A-HF
31.35
34.65
1.0
28.2
1.0
32.82
45.7
1.5KE33A
1.5KE33CA
1.5KE36(C)A-HF
34.20
37.80
1.0
30.8
1.0
30.06
49.9
1.5KE36A
1.5KE36CA
1.5KE39(C)A-HF
37.05
40.95
1.0
33.3
1.0
27.83
53.9
1.5KE39A
1.5KE39CA
1.5KE43(C)A-HF
40.85
45.15
1.0
36.8
1.0
25.30
59.3
1.5KE43A
1.5KE43CA
1.5KE47(C)A-HF
44.65
49.35
1.0
40.2
1.0
23.15
64.8
1.5KE47A
1.5KE47CA
1.5KE51(C)A-HF
48.45
53.55
1.0
43.6
1.0
21.40
70.1
1.5KE51A
1.5KE51CA
1.5KE56(C)A-HF
53.20
58.80
1.0
47.8
1.0
19.48
77.0
1.5KE56A
1.5KE56CA
1.5KE62(C)A-HF
58.90
65.10
1.0
53.0
1.0
17.65
85.0
1.5KE62A
1.5KE62CA
1.5KE68A
1.5KE68CA
92.0
16.30
1.0
58.1
1.0
71.40
64.60
1.5KE68(C)A-HF
1.5KE75A
1.5KE75CA
103.0
14.56
1.0
64.1
1.0
78.75
71.25
1.5KE75(C)A-HF
1.5KE82(C)A-HF
1.0
1.0
1.5KE82A
1.5KE82CA
113.0
13.27
77.90
86.10
70.1
1.5KE91(C)A-HF
1.0
1.0
1.5KE91A
1.5KE91CA
125.0
12.00
86.45
95.55
77.8
1.5KE100(C)A-HF
95.00
105.00
1.0
85.5
1.0
10.95
137.0
1.5KE100A
1.5KE100CA
1.5KE110(C)A-HF
104.50
115.50
1.0
94.0
1.0
9.87
152.0
1.5KE110A
1.5KE110CA
1.5KE120(C)A-HF
114.00
126.00
1.0
102.0
1.0
9.09
165.0
1.5KE120A
1.5KE120CA
1.5KE130(C)A-HF
123.50
136.50
1.0
111.0
1.0
8.38
179.0
1.5KE130A
1.5KE130CA
1.5KE150(C)A-HF
142.50
157.50
1.0
128.0
1.0
7.25
207.0
1.5KE150A
1.5KE150CA
1.5KE160(C)A-HF
152.00
168.00
1.0
136.0
1.0
6.85
219.0
1.5KE160A
1.5KE160CA
1.5KE170(C)A-HF
161.50
178.50
1.0
145.0
1.0
6.41
234.0
1.5KE170A
1.5KE170CA
1.5KE180(C)A-HF
171.00
189.00
1.0
154.0
1.0
6.10
246.0
1.5KE180A
1.5KE180CA
1.5KE200(C)A-HF
190.00
210.00
1.0
171.0
1.0
5.47
274.0
1.5KE200A
1.5KE200CA
1.5KE220(C)A-HF
209.00
231.00
1.0
185.0
1.0
4.57
328.0
1.5KE220A
1.5KE220CA
1.5KE250(C)A-HF
237.50
262.50
1.0
214.0
1.0
4.36
344.0
1.5KE250A
1.5KE250CA
1.5KE300(C)A-HF
285.00
315.00
1.0
256.0
1.0
3.62
414.0
1.5KE300A
1.5KE300CA
1.5KE350(C)A-HF
332.50
367.50
1.0
299.3
1.0
3.11
482.0
1.5KE350A
1.5KE350CA
1.5KE380(C)A-HF
361.00
399.00
1.0
324.9
1.0
2.86
524.4
1.5KE380A
1.5KE380CA
1.5KE400(C)A-HF
380.00
420.00
1.0
342.0
1.0
2.72
548.0
1.5KE400A
1.5KE400CA
1.5KE440(C)A-HF
418.00
462.00
1.0
376.2
1.0
2.47
602.0
1.5KE440A
1.5KE440CA
1.5KE500(C)A-HF
475.00
525.00
1.0
427.5
1.0
2.17
690.0
1.5KE500A
1.5KE500CA
1.5KE520(C)A-HF
494.00
546.00
1.0
444.6
1.0
2.09
717.6
1.5KE520A
1.5KE520CA
1.5KE550(C)A-HF
522.50
577.50
1.0
470.3
1.0
1.98
759.0
1.5KE550A
1.5KE550CA
1.5KE600(C)A-HF
570.00
630.00
1.0
513.0
1.0
1.81
828.0
1.5KE600A
1.5KE600CA
1) Suffix A denotes 5% tolerance devices.
Note:
2)
.
Add suffix “C” or “CA” after part number to specify Bi-directional devices
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.


Similar Part No. - 1.5KE12A-HF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1.5KE12A-AP MCC-1.5KE12A-AP Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Diodes Incorporated
1.5KE12A-B DIODES-1.5KE12A-B Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
logo
Littelfuse
1.5KE12A-B LITTELFUSE-1.5KE12A-B Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
Micro Commercial Compon...
1.5KE12A-BP MCC-1.5KE12A-BP Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Vishay Siliconix
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

Similar Description - 1.5KE12A-HF

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com