Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADR-009269-0001TR Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MADR-009269-0001TR
Description  Single Driver for GaAs FET or PIN Diode Switches and Attenuators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADR-009269-0001TR Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MADR-009269-0001TR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-009269-0001TR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-009269-0001TR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-009269-0001TR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADR-009269-0001TR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADR-009269-0001TR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADR-009269-0001TR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADR-009269-0001TR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MADR-009269-0001TR Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Single Driver for GaAs FET or PIN Diode Switches and Attenuators
Rev. V3
MADR-009269
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Switching Waveforms
1.3V
10%
90%
Tr
Tf
TPLH
TPHL
TSKEW
TSKEW
50%
TTLH
TTHL
90%
10%
OUTPUT A
OUTPUT B
INPUT C
VIN
LOGIC 1
LOGIC 0
1.3V
90%
10%
50%
90%
10%
VOUT
OUTPUT
HIGH
OUTPUT
LOW
Equivalent Output Circuit for A and B Outputs (50 mA load at 25°C)
PFET
30 ohms
VOPT
NFET
30 ohms
VEE
An and Bn
Outputs


Similar Part No. - MADR-009269-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-009269-000100 MA-COM-MADR-009269-000100 Datasheet
274Kb / 8P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269-000100 MA-COM-MADR-009269-000100_15 Datasheet
274Kb / 8P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
More results

Similar Description - MADR-009269-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADR-009269-000100 MA-COM-MADR-009269-000100_15 Datasheet
274Kb / 8P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009269-000100 MA-COM-MADR-009269-000100 Datasheet
274Kb / 8P
   Single Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190-000100 MA-COM-MADR-009190-000100 Datasheet
170Kb / 9P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009443 MA-COM-MADR-009443 Datasheet
677Kb / 10P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009190 MA-COM-MADR-009190_15 Datasheet
772Kb / 10P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
MADR-009443-000100 MA-COM-MADR-009443-000100 Datasheet
149Kb / 8P
   Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
logo
Tyco Electronics
DR65-0109 MACOM-DR65-0109_1 Datasheet
149Kb / 2P
   Single Driver for GaAs FET Switches and Attenuators
DR65-0109 MACOM-DR65-0109 Datasheet
213Kb / 2P
   Single Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
DR65-0109 MA-COM-DR65-0109 Datasheet
68Kb / 3P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
   Single Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com