Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAUC-011009-TR0500 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MAUC-011009-TR0500
Description  Variable Gain with Adjustable Bias
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAUC-011009-TR0500 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button MAUC-011009-TR0500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAUC-011009-TR0500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAUC-011009-TR0500 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAUC-011009-TR0500 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAUC-011009-TR0500 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAUC-011009-TR0500 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAUC-011009-TR0500 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MAUC-011009-TR0500 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MAUC-011009-TR0500 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Up Converter
37 - 40 GHz
Rev. V1
MAUC-011009
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
8
Image Rejection, IF = 21.4 MHz
Image Rejection
Image Rejection, LO Power swept
Image Rejection, IF = 3.5 GHz
Typical Performance Curves: LO = 0 dBm, IF = -10 dBm @ 2 GHz, PDC = 1.52 W
-50
-40
-30
-20
-10
0
37.0
37.5
38.0
38.5
39.0
39.5
40.0
LSB
USB
Frequency (GHz)
-50
-40
-30
-20
-10
0
37.0
37.5
38.0
38.5
39.0
39.5
40.0
Frequency (GHz)
-40
-30
-20
-10
0
37.0
37.5
38.0
38.5
39.0
39.5
40.0
LSB @ PLO = 0 dBm
LSB @ PLO = 4 dBm
LSB @ PLO = 8 dBm
USB @ PLO = 0 dBm
USB @ PLO = 4 dBm
USB @ PLO = 8 dBm
Frequency (GHz)
-40
-30
-20
-10
0
37.0
37.5
38.0
38.5
39.0
39.5
40.0
LSB @ +25°C
LSB @ -40°C
LSB @ +85°C
USB @ +25°C
USB @ -40°C
USB @ +85°C
Frequency (GHz)


Similar Part No. - MAUC-011009-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAUC-011003 MA-COM-MAUC-011003 Datasheet
974Kb / 8P
   Up Converter
MAUC-011003-001SMB MA-COM-MAUC-011003-001SMB Datasheet
974Kb / 8P
   Up Converter
MAUC-011003-TR0500 MA-COM-MAUC-011003-TR0500 Datasheet
974Kb / 8P
   Up Converter
More results

Similar Description - MAUC-011009-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010651 MA-COM-MAAM-010651 Datasheet
689Kb / 6P
   Variable Gain with Adjustable Bias
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
Elantec Semiconductor
EL4452C ELANTEC-EL4452C Datasheet
270Kb / 12P
   Wideband Variable-Gain Amplifier with Gain of 10
logo
Intersil Corporation
EL4452 INTERSIL-EL4452 Datasheet
167Kb / 10P
   Wideband Variable-Gain Amplifier with Gain of 10
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
logo
Asahi Kasei Microsystem...
AK1291 AKM-AK1291_17 Datasheet
523Kb / 16P
   IF Variable Gain Amplifier with RSSI
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
Asahi Kasei Microsystem...
AK1291 AKM-AK1291 Datasheet
449Kb / 15P
   IF Variable Gain Amplifier with RSSI
logo
Texas Instruments
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
[Old version datasheet]   DirectPath??Headphone Driver With Adjustable Gain
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com