Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPA1006-SMB Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # NPA1006-SMB
Description  GaN Wideband Power Amplifier, 28 V, 12.5 W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPA1006-SMB Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button NPA1006-SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPA1006-SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPA1006-SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPA1006-SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPA1006-SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPA1006-SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPA1006-SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. NPA1006-SMB Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. NPA1006-SMB Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
GaN Wideband Power Amplifier, 28 V, 12.5 W
20 - 1000 MHz
Rev. V2
NPA1006
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
7
Input Return Loss vs. Frequency
Gain vs. Frequency at PIN = 27 dBm
Power Added Efficiency at PIN = 27 dBm vs. Frequency
Gain vs. Frequency
Power Added Efficiency vs. Frequency
Typical Performance as measured in the Broadband 100 - 1000 MHz Characterization
Circuit: CW, VDS = 28 V, IDQ = 88 mA (unless otherwise noted)
-18
-17
-16
-15
-14
-13
0
0.2
0.4
0.6
0.8
1
+25°C
-40°C
+85°C
Frequency (GHz)
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
+25°C
-40°C
+85°C
Frequency (GHz)
-18
-17
-16
-15
-14
-13
-12
0
0.2
0.4
0.6
0.8
1
P
OUT = 30dBm
P
OUT = 40dBm
P
OUT = 41dBm
Frequency (GHz)
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
P
OUT = 30dBm
P
OUT = 40dBm
P
OUT = 41dBm
Frequency (GHz)
10
11
12
13
14
15
0
0.2
0.4
0.6
0.8
1
P
OUT = 30dBm
P
OUT = 40dBm
P
OUT = 41dBm
Frequency (GHz)
10
11
12
13
14
15
0
0.2
0.4
0.6
0.8
1
+25°C
-40°C
+85°C
Frequency (GHz)
Input Return Loss at PIN = 27 dBm vs. Frequency


Similar Part No. - NPA1006-SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPA1006 MA-COM-NPA1006 Datasheet
12Mb / 9P
   Next generation high power RF semiconductor technology
More results

Similar Description - NPA1006-SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011086 MA-COM-MAGX-011086_15 Datasheet
1Mb / 10P
   GaN Wideband Transistor 28 V, 4 W
MAGX-011086-V1A MA-COM-MAGX-011086-V1A Datasheet
972Kb / 4P
   GaN Wideband Transistor 28 V
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
   GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
   GaN Wideband Power Amplifier
logo
WOLFSPEED, INC.
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
   25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
CG2H40120F WOLFSPEED-CG2H40120F Datasheet
1Mb / 11P
   120 W, 28 V, RF Power GaN HEMT
Rev. 2.0, 2022-6-28
logo
Cree, Inc
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
   25 W, 28 V RF Power GaN HEMT
logo
RF Micro Devices
RF3931 RFMD-RF3931_12 Datasheet
1Mb / 14P
   30W GaN WIDEBAND POWER AMPLIFIER
RF3932 RFMD-RF3932_12 Datasheet
1Mb / 14P
   60W GaN WIDEBAND POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com