Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5KP120CA-G Datasheet(PDF) 5 Page - Comchip Technology

Part # A5KP120CA-G
Description  5000W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

A5KP120CA-G Datasheet(HTML) 5 Page - Comchip Technology

  A5KP120CA-G Datasheet HTML 1Page - Comchip Technology A5KP120CA-G Datasheet HTML 2Page - Comchip Technology A5KP120CA-G Datasheet HTML 3Page - Comchip Technology A5KP120CA-G Datasheet HTML 4Page - Comchip Technology A5KP120CA-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5000W Transient Voltage Suppressor
Page 5
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
AQW-BTV06
REV:B
Taping Specification For Axial Lead Diodes
L1
0.039 (max)
1.00 (max)
L2
0.039 (max)
1.00 (max)
B
Z
T
E
10.00 ± 0.50
52.00 ± 0.50
6.00 ± 0.40
1.20 (max)
1.00 (max)
2.047 ± 0.020
0.394 ± 0.020
0.047 (max)
0.236 ± 0.016
0.039 (max)
A
SYMBOL
(mm)
(inch)
R-6
L
W
H
75.00
2.953
145.00
5.709
260.00
10.236
(inch)
(mm)
R-6
SYMBOL
Standard Packaging
Case Type
R-6
250
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
3,750
B
L1
L2
E
A
Z
T
E
90° ± 5°
L
H
W


Similar Description - A5KP120CA-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com