Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6201 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6201
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6201 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6201 Datasheet HTML 4Page - Sipex Corporation SP6201 Datasheet HTML 5Page - Sipex Corporation SP6201 Datasheet HTML 6Page - Sipex Corporation SP6201 Datasheet HTML 7Page - Sipex Corporation SP6201 Datasheet HTML 8Page - Sipex Corporation SP6201 Datasheet HTML 9Page - Sipex Corporation SP6201 Datasheet HTML 10Page - Sipex Corporation SP6201 Datasheet HTML 11Page - Sipex Corporation SP6201 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
equation:
PD = (VIN - VOUT)*IOUT + VIN*IGND
≅ (VIN - VOUT) * IOUT
Substituting PD(max) for PD and solving for the
operating conditions that are critical to the ap-
plication will give the maximum operating con-
ditions for the regulator circuit. For example, if
we are operating the SP6201- 3.0V at room
temperature, with a SOT-23-5 package on a 4
layer standard board we can determine the maxi-
mum input voltage for a set output current.
PD(max) =
(125
°C -25°C) = 1.1W
(90
°C/W)
To prevent the device from entering thermal
shutdown, maximum power dissipation can not
be exceeded. Using the output voltage of 3.0V
and an output current of 200 mA, the maximum
input voltage can be determined. Ground pin
current can be taken from the electrical spec’s-
table (I
GND=200uA at IOUT=200uA). The maxi-
mum input voltage is determined as follows:
1.1W = (VIN – 3.0V)*200mA + VIN*0.2mA
Solving for VIN, we get:
VIN =
(1.1W + 0.6W)
200.2mA
After calculations, we find that the maximum
input voltage of a 3.0V application at 200mA of
output current in an SOT-23-5 package is 8.4V.
Dual-Supply Operation
When used in dual supply systems where the
regulator load is returned to a negative supply,
the output voltage must be diode clamped to
ground.
THEORY OF OPERATION: Continued


Similar Part No. - SP6201

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6201 EXAR-SP6201 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6201EM5 SIPEX-SP6201EM5 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6201EM5-1-5 SIPEX-SP6201EM5-1-5 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6201EM5-1-8 SIPEX-SP6201EM5-1-8 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
More results

Similar Description - SP6201

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
logo
Sipex Corporation
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com