Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6650 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6650
Description  High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6650 Datasheet HTML 6Page - Sipex Corporation SP6650 Datasheet HTML 7Page - Sipex Corporation SP6650 Datasheet HTML 8Page - Sipex Corporation SP6650 Datasheet HTML 9Page - Sipex Corporation SP6650 Datasheet HTML 10Page - Sipex Corporation SP6650 Datasheet HTML 11Page - Sipex Corporation SP6650 Datasheet HTML 12Page - Sipex Corporation SP6650 Datasheet HTML 13Page - Sipex Corporation SP6650 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Date: 5/25/04
SP6650 High Efficiency 600mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
Figure 13. Load Step Transient Response, V
OUT = 2.5V,
500mA to 10mA. L1 = 22
µH (Sumida CDRH6D28),
I
LIM = VIN
Figure 14. Low I
LIM Startup, VIN = 4.2V, VOUT = 3.3V. ILIM
tied to GND, Internal Feedback R
LOAD = 33Ω.
Figure 15. Dead Short. V
IN = 5.0V, ILIM tied to GND.
Start I
OUT = 37mA, VOUT = 3.3V. Finish IOUT = 500mA,
V
OUT = 20mV.


Similar Part No. - SP6650

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6650EB SIPEX-SP6650EB Datasheet
61Kb / 6P
   Evaluation Board Manual
SP6650EU SIPEX-SP6650EU Datasheet
61Kb / 6P
   Evaluation Board Manual
SP6650UEB SIPEX-SP6650UEB Datasheet
61Kb / 6P
   Evaluation Board Manual
More results

Similar Description - SP6650

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6651A SIPEX-SP6651A Datasheet
160Kb / 16P
   High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6654 SIPEX-SP6654 Datasheet
203Kb / 16P
   High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Billiton Ltd.
TP4058 ASIC-TP4058 Datasheet
821Kb / 12P
   600mA Linear Li-Ion Battery Charger
TP4059 ASIC-TP4059 Datasheet
813Kb / 12P
   600mA Linear Li-Ion Battery Charger
logo
Will Semiconductor Ltd.
WS4508E WILLSEMI-WS4508E Datasheet
456Kb / 11P
   600mA, Single Li-ion Battery Charger
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com